Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 2 Page - Texas Instruments

  CC2500 Datasheet HTML 1Page - Texas Instruments CC2500 Datasheet HTML 2Page - Texas Instruments CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
CC2500
Preliminary Data Sheet (rev.1.1.)
SWRS040
Page 2 of 77
Features (continued from front page)
•
Flexible support
for packet oriented
systems: On chip support for sync word
detection, address check, flexible packet
length and automatic CRC handling.
•
Programmable channel filter bandwidth
•
2-FSK, GFSK and MSK supported
•
OOK supported
•
Automatic Frequency Compensation can
be used to align the frequency synthesizer
to received centre frequency
•
Optional automatic whitening and de-
whitening of data
•
Support for asynchronous transparent
receive/transmit
mode
for
backwards
compatibility
with
existing
radio
communication protocols
•
Programmable Carrier Sense indicator
•
Programmable Preamble Quality Indicator
for detecting preambles and improved
protection against sync word detection in
random noise
•
Support for automatic Clear Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
•
Support for per-package Link Quality
Indication
Abbreviations
Abbreviations used in this data sheet are described below.
2-FSK
Binary Frequency Shift Keying
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
NA
Not Applicable
AFC
Automatic Frequency Offset Compensation
PA
Power Amplifier
AGC
Automatic Gain Control
PCB
Printed Circuit Board
AMR
Automatic Meter Reading
PD
Power Down
ASK
Amplitude Shift Keying
PER
Packet Error Rate
BER
Bit Error Rate
PLL
Phase Locked Loop
CCA
Clear Channel Assessment
POR
Power-on Reset
CRC
Cyclic Redundancy Check
PQI
Preamble Quality Indicator
CS
Carrier Sense
PQT
Preamble Quality Threshold
DC
Direct Current
RCOSC
RC Oscillator
EIRP
Equivalent Isotropic Radiated Power
RF
Radio Frequency
ESR
Equivalent Series Resistance
RSSI
Received Signal Strength Indicator
FEC
Forward Error Correction
RX
Receive, Receive Mode
FIFO
First-In-First-Out
SAW
Surface Aqustic Wave
FHSS
Frequency Hopping Spread Spectrum
SNR
Signal to Noise Ratio
FSK
Frequency Shift Keying
SPI
Serial Peripheral Interface
GFSK
Gaussian shaped Frequency Shift Keying
TBD
To Be Defined
IF
Intermediate Frequency
TX
Transmit, Transmit Mode
LBT
Listen Before Transmit
VCO
Voltage Controlled Oscillator
LNA
Low Noise Amplifier
WOR
Wake on Radio, Low power polling
LO
Local Oscillator
XOSC
Crystal Oscillator
LQI
Link Quality Indicator
XTAL
Crystal
MCU
Microcontroller Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com