Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 13Page - Texas Instruments CC2500 Datasheet HTML 14Page - Texas Instruments CC2500 Datasheet HTML 15Page - Texas Instruments CC2500 Datasheet HTML 16Page - Texas Instruments CC2500 Datasheet HTML 17Page - Texas Instruments CC2500 Datasheet HTML 18Page - Texas Instruments CC2500 Datasheet HTML 19Page - Texas Instruments CC2500 Datasheet HTML 20Page - Texas Instruments CC2500 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
CC2500
Preliminary Data Sheet (rev.1.1.)
SWRS040
Page 17 of 77
Component
Value
C51
100 nF ±10%, 0402 X5R
C81
27 pF ±5%, 0402 NP0
C101
27 pF ±5%, 0402 NP0
C121
100 pF ±5%, 0402 NP0
C122
1.0 pF ±0.25 pF, 0402 NP0
C123
1.8 pF ±0.25 pF, 0402 NP0
C124
1.5 pF ±0.25 pF, 0402 NP0
C131
100 pF ±5%, 0402 NP0
C132
1.0 pF ±0.25 pF, 0402 NP0
L121
1.2 nH ±0.3 nH, 0402 monolithic, Murata LQG-15 series
L122
1.2 nH ±0.3 nH, 0402 monolithic, Murata LQG-15 series
L131
1.2 nH ±0.3 nH, 0402 monolithic, Murata LQG-15 series
R171
56 kΩ ±1%, 0402
XTAL
26.0 MHz surface mount crystal
Table 15: Bill Of Materials for the application circuit
In the CC2500EM reference design LQG-15
series inductors from Murata have been used.
Measurements have been performed with
multi-layer inductors from other manufacturers
(e.g. Würth) and the measurement results
were the same as when using the Murata part.
8
Configuration Overview
CC2500 can be configured to achieve optimum
performance for many different applications.
Configuration is done using the SPI interface.
The
following
key
parameters
can
be
programmed:
•
Power-down / power up mode
•
Crystal oscillator power-up / power-down
•
Receive / transmit mode
•
RF channel selection
•
Data rate
•
Modulation format
•
RX channel filter bandwidth
•
RF output power
•
Data buffering with separate 64-byte
receive and transmit FIFOs
•
Packet radio hardware support
•
Forward Error Correction with interleaving
•
Data Whitening
•
Wake-On-Radio (WOR)
Details of each configuration register can be
found in Section 31, starting on page 49.
Figure 4 shows a simplified state diagram that
explains the main
CC2500 states, together with
typical usage and current consumption. For
detailed information on controlling the
CC2500
state machine, and a complete state diagram,
see Section 19, starting on page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com