Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 3 Page - Texas Instruments

  CC2500 Datasheet HTML 1Page - Texas Instruments CC2500 Datasheet HTML 2Page - Texas Instruments CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
CC2500
Preliminary Data Sheet (rev.1.1.)
SWRS040
Page 3 of 77
Table Of Contents
APPLICATIONS...........................................................................................................................................1
PRODUCT DESCRIPTION.........................................................................................................................1
KEY FEATURES ..........................................................................................................................................1
FEATURES (CONTINUED FROM FRONT PAGE)................................................................................2
ABBREVIATIONS........................................................................................................................................2
TABLE OF CONTENTS ..............................................................................................................................3
1
ABSOLUTE MAXIMUM RATINGS ..............................................................................................6
2
OPERATING CONDITIONS ..........................................................................................................6
3
GENERAL CHARACTERISTICS..................................................................................................6
4
ELECTRICAL SPECIFICATIONS ................................................................................................7
4.1
CURRENT CONSUMPTION .....................................................................................................................7
4.2
RF RECEIVE SECTION...........................................................................................................................8
4.3
RF TRANSMIT SECTION ......................................................................................................................10
4.4
CRYSTAL OSCILLATOR.......................................................................................................................10
4.5
LOW POWER RC OSCILLATOR............................................................................................................11
4.6
FREQUENCY SYNTHESIZER CHARACTERISTICS...................................................................................11
4.7
ANALOG TEMPERATURE SENSOR .......................................................................................................12
4.8
DC CHARACTERISTICS .......................................................................................................................12
4.9
POWER-ON RESET ..............................................................................................................................12
5
PIN CONFIGURATION.................................................................................................................13
6
CIRCUIT DESCRIPTION .............................................................................................................15
7
APPLICATION CIRCUIT .............................................................................................................15
8
CONFIGURATION OVERVIEW.................................................................................................17
9
CONFIGURATION SOFTWARE.................................................................................................18
10
4-WIRE SERIAL CONFIGURATION AND DATA INTERFACE ...........................................19
10.1
CHIP STATUS BYTE ............................................................................................................................20
10.2
REGISTER ACCESS ..............................................................................................................................21
10.3
COMMAND STROBES ..........................................................................................................................22
10.4
FIFO ACCESS .....................................................................................................................................22
10.5
PATABLE ACCESS............................................................................................................................22
11
MICROCONTROLLER INTERFACE AND PIN CONFIGURATION ...................................23
11.1
CONFIGURATION INTERFACE..............................................................................................................23
11.2
GENERAL CONTROL AND STATUS PINS ..............................................................................................23
11.3
OPTIONAL RADIO CONTROL FEATURE ...............................................................................................23
12
DATA RATE PROGRAMMING...................................................................................................24
13
RECEIVER CHANNEL FILTER BANDWIDTH .......................................................................24
14
DEMODULATOR, SYMBOL SYNCHRONIZER AND DATA DECISION............................25
14.1
FREQUENCY OFFSET COMPENSATION.................................................................................................25
14.2
BIT SYNCHRONIZATION......................................................................................................................25
14.3
BYTE SYNCHRONIZATION...................................................................................................................25
15
PACKET HANDLING HARDWARE SUPPORT .......................................................................25
15.1
DATA WHITENING ..............................................................................................................................26
15.2
PACKET FORMAT................................................................................................................................26
15.3
PACKET FILTERING IN RECEIVE MODE...............................................................................................27
15.4
CRC CHECK .......................................................................................................................................28
15.5
PACKET HANDLING IN TRANSMIT MODE............................................................................................28
15.6
PACKET HANDLING IN RECEIVE MODE ..............................................................................................28
16
MODULATION FORMATS ..........................................................................................................29
16.1
FREQUENCY SHIFT KEYING ................................................................................................................29
16.2
MINIMUM SHIFT KEYING....................................................................................................................29
16.3
AMPLITUDE MODULATION .................................................................................................................29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com