Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 1 Page - Texas Instruments

  CC2500 Datasheet HTML 1Page - Texas Instruments CC2500 Datasheet HTML 2Page - Texas Instruments CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
CC2500
Preliminary Data Sheet (rev.1.1.)
SWRS040
Page 1 of 77
CC2500
Single Chip Low Cost Low Power RF Transceiver
Applications
• 2400-2483.5 MHz ISM/SRD band systems
• Consumer Electronics
• Wireless game controllers
• Wireless audio
• Wireless keyboard and mouse
Product Description
The
CC2500 is a low cost true single chip 2.4
GHz transceiver designed for very low power
wireless applications. The circuit is intended
for the ISM (Industrial, Scientific and Medical)
and SRD (Short Range Device) frequency
band at 2400-2483.5 MHz.
The RF transceiver is integrated with a highly
configurable baseband modem. The modem
supports various modulation formats and has
a configurable data rate up to 500 kbps. The
communication range can be increased by
enabling a Forward Error Correction option,
which is integrated in the modem.
CC2500 provides extensive hardware support
for packet handling, data buffering, burst
transmissions, clear channel assessment, link
quality indication and wake-on-radio.
The main operating parameters and the 64-
byte transmit/receive FIFOs of
CC2500 can be
controlled via an SPI interface. In a typical
system, the
CC2500 will be used together with
a microcontroller and a few additional passive
components.
CC2500 is based on Chipcon’s SmartRF®04
technology in 0.18
µm CMOS.
Key Features
•
Small size (QLP 4x4 mm package, 20
pins)
•
True single chip 2.4 GHz RF transceiver
•
Frequency range: 2400-2483.5 MHz
•
High sensitivity (–101 dBm at 10 kbps, 1%
packet error rate)
•
Programmable data rate up to 500 kbps
•
Low current consumption (13.3 mA in RX,
250 kbps, input 30 dB above sensitivity
limit)
•
Programmable output power up to +1 dBm
•
Excellent receiver selectivity and blocking
performance
•
Very
few
external
components:
Completely on-chip frequency synthesizer,
no external filters or RF switch needed
•
Programmable baseband modem
•
Ideal for multi-channel operation
•
Configurable packet handling hardware
•
Suitable for frequency hopping systems
due to a fast settling frequency synthesizer
•
Optional Forward Error Correction with
interleaving
•
Separate 64-byte RX and TX data FIFOs
•
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
•
Digital RSSI output
•
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
CFR47 Part 15 (US), and ARIB STD-T66
(Japan)
•
Wake-on-radio functionality for automatic
low-power RX polling
•
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
•
Integrated analog temperature sensor
•
Lead-free “green“ package


Similar Part No. - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI1-CC2500 Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI-CC2500 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
logo
AVAGO TECHNOLOGIES LIMI...
CC2500 AVAGO-CC2500 Datasheet
271Kb / 8P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Similar Description - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com