Electronic Components Datasheet Search
  English  ▼

X  

LNBH26S Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 2Page - STMicroelectronics LNBH26S Datasheet HTML 3Page - STMicroelectronics LNBH26S Datasheet HTML 4Page - STMicroelectronics LNBH26S Datasheet HTML 5Page - STMicroelectronics LNBH26S Datasheet HTML 6Page - STMicroelectronics LNBH26S Datasheet HTML 7Page - STMicroelectronics LNBH26S Datasheet HTML 8Page - STMicroelectronics LNBH26S Datasheet HTML 9Page - STMicroelectronics LNBH26S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
until the origin cause is removed and a new register reading operation is performed by the microprocessor. The
FLT pin must be connected to a positive voltage (5 V max.) by a pull-up resistor.
2.11
VMON: output voltage diagnostic
When one device output voltage is activated (VOUT pin), its value is internally monitored and, as long as the
output voltage level is below the guaranteed limits, the relevant VMON I²C bit is set to “1”, see Table 16. Output
voltage diagnostic (VMON-A/B bits, STATUS 1 register) characteristics for more details.
2.12
TMON: 22 kHz tone diagnostic
The 22 kHz tone can be internally detected and monitored if one (or both) DETIN pin are connected to the LNB
output bus (see Figure 7. DiSEqC 2.x application circuit) through a decoupling capacitor.
The tone diagnostic function is provided with the corresponding TMON I²C bit. If the 22 kHz tone amplitude and/or
the tone frequency is out of the guaranteed limits, see Table 18. 22 kHz tone diagnostic (TMON-A/B bit, STATUS
2 register) characteristics, the corresponding TMON I²C bit is set to “1”.
2.13
TDET: 22 kHz tone detection
When a 22 kHz tone presence is detected on one DETIN pin, the corresponding TDET I²C bit is set to “1”.
2.14
IMON: minimum output current diagnostic
In order to detect the output load absence (no LNB connected on the bus or cable not connected to the IRD) each
LNBH26S section is provided with a minimum output current flag by the corresponding IMON I²C bit, accessible in
read mode, which is set to “1” if the output current is lower than 12 mA (typ.). It is recommended to use the IMON
function only with the 22 kHz tone transmission deactivated, otherwise the IMON bit could be set to “0” even if the
output current is below the minimum current threshold. To activate the IMON diagnostic function, set to “1” the
EN_IMON I²C bit in the DATA4 register. Be aware that as soon as the IMON function is activated by means of
EN_IMON=1, the VOUT is immediately increased to 21 V (typ.) independently on the VSEL bit setting. This
operation is applied in order to be sure that the LNBH26S output has the higher voltage present in the LNB bus.
Do not use this function in an application environment where a 21 V voltage level is not supported by other
peripherals connected to the LNB bus.
2.15
PDO: overcurrent detection on output pull-down stage
When an overcurrent occurs on one section pull-down output stage due to an external voltage source greater
than the LNBH26S nominal VOUT, and for a time longer than ISINK_TIME_OUT (10 ms typ.), the corresponding PDO
I²C bit is set to “1”. This may happen due to an external voltage source presence on the LNB output (VOUT pin).
For current threshold and deglitch time details, see Table 12. A/B section electrical characteristics.
2.16
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH26S is automatically reset at power-on. As long as the VCC stays below the
undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does not respond to any I²C command and all
DATA register bits are initialized to zeroes, therefore keeping the power blocks disabled. Once the VCC rises
above 4.8 V typ., the I²C interface becomes operative and the DATA registers can be configured by the main
microprocessor.
2.17
PNG: input voltage minimum detection
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum thresholds, the PNG I²C bit is
set to “1” and the FLT pin is set LOW.
LNBH26S
VMON: output voltage diagnostic
DS8975 - Rev 5
page 6/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com