Electronic Components Datasheet Search
  English  ▼

X  

LNBH26S Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH26S Datasheet HTML 1Page - STMicroelectronics LNBH26S Datasheet HTML 2Page - STMicroelectronics LNBH26S Datasheet HTML 3Page - STMicroelectronics LNBH26S Datasheet HTML 4Page - STMicroelectronics LNBH26S Datasheet HTML 5Page - STMicroelectronics LNBH26S Datasheet HTML 6Page - STMicroelectronics LNBH26S Datasheet HTML 7Page - STMicroelectronics LNBH26S Datasheet HTML 8Page - STMicroelectronics LNBH26S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
•
Complete interface between LNB and I²C bus
•
Built-in DC-DC converter for single 12 V supply operation and high efficiency
(typ. 93% @ 0.5 A)
•
Selectable output current limit by external resistor
•
Compliant with main satellite receiver output voltage specification (15
programmable levels)
•
Accurate built-in 22 kHz tone generator suits widely accepted standards
•
22 kHz tone waveform integrity guaranteed at no-load condition as well
•
Low drop post regulator and high efficiency step-up PWM with integrated power
NMOS allowing low power losses
•
LPM function (low power mode) to reduce dissipation
•
Overload and overtemperature internal protection with I²C diagnostic bits
•
LNB short-circuit dynamic protection
•
+/- 4 kV ESD tolerant on output power pins
Applications
•
STB satellite receivers
•
TV satellite receivers
•
PC card satellite receivers
Description
Intended for analog and digital dual satellite receivers/Sat-TV, and Sat-PC cards, the
LNBH26S is a monolithic voltage regulator and interface IC, assembled in QFN24 4 x
4 specifically designed to provide the 13/18 V power supply and the 22 kHz tone
signaling to the LNB down-converter in the antenna dishes or to the multi-switch box.
In this application field, it offers a complete solution for dual tuner satellite receivers
with extremely low component count, low power dissipation together with simple
design and I²C standard interfacing.
Maturity status link
LNBH26S
Device summary
Order code
LNBH26SPQR
Package
QFN24 (4 x 4)
Packing
Tape and reel
Dual LNBS supply and control I²C with step-up and IC interface
LNBH26S
Datasheet
DS8975 - Rev 5 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LNBH26S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH26 STMICROELECTRONICS-LNBH26 Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH26LPQR STMICROELECTRONICS-LNBH26LPQR Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH26LSPQR STMICROELECTRONICS-LNBH26LSPQR Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
More results

Similar Description - LNBH26S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBH23 STMICROELECTRONICS-LNBH23 Datasheet
515Kb / 32P
LNBs supply and control IC with step-up and I²C interface
26-Mar-2008
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH26PQR STMICROELECTRONICS-LNBH26PQR Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH24LQTR STMICROELECTRONICS-LNBH24LQTR Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I짼C interface
18-Mar-2010
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH24L STMICROELECTRONICS-LNBH24L Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I²C interface
18-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com