Electronic Components Datasheet Search
  English  ▼

X  

LNBH26S Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 8Page - STMicroelectronics LNBH26S Datasheet HTML 9Page - STMicroelectronics LNBH26S Datasheet HTML 10Page - STMicroelectronics LNBH26S Datasheet HTML 11Page - STMicroelectronics LNBH26S Datasheet HTML 12Page - STMicroelectronics LNBH26S Datasheet HTML 13Page - STMicroelectronics LNBH26S Datasheet HTML 14Page - STMicroelectronics LNBH26S Datasheet HTML 15Page - STMicroelectronics LNBH26S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Component
Notes
L1
With COMP=0, use 10 µH inductor with ISAT > IPEAK where IPEAK is the boost converter peak current
or
with COMP=1 and C2 = 22 µF, use 6.8 µH inductor with ISAT > IPEAK where IPEAK is the boost converter
peak current
Figure 7. DiSEqC 2.x application circuit
L1- A
C3 -A
Vin
12 V
LNBOUT -A
LX-A
VUP-A
C4
LNBH26S
D1- A
C2 - A
C1
Vcc
D2-A
Byp
C7
FLT
ADDR
SDA
SCL
ISEL
R1 (RSEL)
LX- B
D1-B
C2 -B C3-B
L1-B
LNBOUT -B
C5 - B
DSQOUT-A
DiSEqC
Envelope
TTL
or
DiSEqC
22KHz
TTL
DSQIN -A
DSQIN-B
Tone enable control
VUP-B
VOUT-B
BPSW -B
DSQOUT-B
D2- B
VOUT-A
C5 - A
BPSW-A
15
W
L2- A
TR1- A
4.7 k
DETIN-A
C6 -A
15
W
L2 -B
TR1 -B
DETIN-B
C6 -B
4.7 k
Open drains
to µcontroller
{
I 2C Bus
3
21
17
16
8
7
9
5
11
6
23
22
24
12
14
1
20
18
19
13
2
P-GND
A-GND
4
15
D3- A
D3 -B
10 k
4.7k
4.7 k
10 k
(optional)
(optional)
GIPG2801151323LM
Table 5. LNBH26S DiSEqC 2.x bill of material
Component
Notes
R1 (RSEL)
SMD resistor. Refer to Table 12. A/B section electrical characteristics and ISEL pin description in Table
1. Pin description.
C1
> 25 V electrolytic capacitor, 100 µF or higher is suitable
or
> 25 V ceramic capacitor, 10 µF or higher is suitable
C2
With COMP = 0, > 25 V electrolytic capacitor, 100 µF or higher is suitable
or
with COMP = 1, > 35 V ceramic capacitor, 22 µF (or 2 x 10 µF) or higher is suitable
C3
From 470 nF to 2.2 µF ceramic capacitor placed as close as possible to VUP pins. Higher values allow
lower DC-DC noise
C5
From 100 nF to 220 nF ceramic capacitor placed as close as possible to VOUT pins. Higher values allow
lower DC-DC noise
C4, C7
220 nF ceramic capacitors. To be placed as close as possible to VOUT pin
D1
STPS130A or similar Schottky diode
LNBH26S
Typical application circuits
DS8975 - Rev 5
page 12/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com