Electronic Components Datasheet Search
  English  ▼

X  

LNBH26S Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 5Page - STMicroelectronics LNBH26S Datasheet HTML 6Page - STMicroelectronics LNBH26S Datasheet HTML 7Page - STMicroelectronics LNBH26S Datasheet HTML 8Page - STMicroelectronics LNBH26S Datasheet HTML 9Page - STMicroelectronics LNBH26S Datasheet HTML 10Page - STMicroelectronics LNBH26S Datasheet HTML 11Page - STMicroelectronics LNBH26S Datasheet HTML 12Page - STMicroelectronics LNBH26S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Pin
Symbol
Name
Pin function
11
VUP-B
Channel B
step-up voltage
Input of channel B linear post-regulator. The voltage on this pin is monitored by
the internal channel B step-up controller to keep a minimum dropout across the
linear pass transistor.
12
VOUT-B
Channel B
LNB output port
Output of channel B integrated very low drop linear regulator. See Table
13. Output voltage selection (data1 register, write mode) for voltage selection and
description.
13
DETIN-B
Tone detector input
Channel B, 22 kHz tone decoder input, must be AC coupled to the DiSEqC 2.0
bus. Set to ground if not used.
14
BPSW-B
Switch control
To be connected to an external transistor to be used to bypass the channel B
output RL filter needed in DiSEqC 2.x applications during the DiSEqC
transmitting mode (see Section 5 Typical application circuits). Set ground if not
used. Open drain pin.
15
GND
Analog ground
Analog circuit ground. To be connected directly to the exposed pad.
16
BYP
Bypass capacitor
Needed for internal pre-regulator filtering. The BYP pin is intended to connect an
external ceramic capacitor only. Any connection of this pin to external current or
voltage sources may cause permanent damage to the device.
17
VCC
Supply input
8 to 16 V IC DC-DC power supply.
18
BPSW-A
Switch control
To be connected to an external transistor to be used to bypass the channel A
output RL filter needed in DiSEqC 2.x applications during the DiSEqC
transmitting mode (see Section 5 Typical application circuits). Set to ground if not
used. Open drain pin.
19
DETIN-A
Tone detector input
Channel A, 22 kHz tone decoder input, must be AC coupled to the DiSEqC 2.0
bus. Set to ground if not used.
20
VOUT-A
Channel A,
LNB output port
Output of channel A integrated very low drop linear regulator. See Table
13. Output voltage selection (data1 register, write mode) for voltage selection and
description.
21
VUP-A
Channel A
step-up voltage
Input of channel A linear post-regulator. The voltage on this pin is monitored by
the internal channel A step-up controller to keep a minimum dropout across the
linear pass transistor.
22
DSQIN-A
DSQIN for DiSEqC
envelope input
or
external 22 kHz
TTL input
It is intended for channel A 22 kHz tone control. It can be used as DiSEqC
envelope input or external 22 kHz TTL input depending on the EXTM-A I²C bit
setting as follows: If EXTM-A=0, TEN-A=1: it accepts the DiSEqC envelope code
from the main microcontroller. The LNBH26S uses this code to modulate the
internally generated 22 kHz carrier. If EXTM-A=TEN-A=1: it accepts external 22
kHz logic signals which activate the 22 kHz tone output (refer to Section 2.2 Data
encoding by external 22 kHz tone TTL signal). Pull up high if the tone output is
activated by the TEN-A I²C bit only.
23
DSQOUT-A
DiSEqC output
Open drain output of channel A tone detector to the main microcontroller for
DiSEqC 2.0 data decoding. It is low when tone is detected to the DETIN-A input
pin. Set ground if not used.
24
DSQIN-B
DSQIN for DiSEqC
envelope input
or
external 22 kHz
TTL input
It is intended for channel B 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz TTL input depending
on the EXTM-B I²C bit setting as follows:
if EXTM-B=0, TEN-B=1: it accepts the DiSEqC envelope code from the main
microcontroller. The LNBH26S uses this code to modulate the internally
generated 22 kHz carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic signals which activate the
22 kHz tone output (refer to Section 2.2 Data encoding by external 22 kHz tone
TTL signal).
Pull up high if the tone output is activated by the TEN-B I²C bit only.
Epad
Epad
Exposed pad
To be connected with power grounds and to ground layer through vias to
dissipate the heat.
LNBH26S
Pin configuration
DS8975 - Rev 5
page 9/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com