Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 2Page - Panasonic Semiconductor ECWFE Datasheet HTML 3Page - Panasonic Semiconductor ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Plastic Film Capacitors
For the film capacitor varies the maximum applicable voltage depending on the applied voltage waveform, current waveform,
frequency, ambient temperature (capacitor surface temperature), capacitance value, etc. Use within the specified values
by checking the voltage waveform, current waveform, and frequency applied to both ends of the capacitor prior to use.
(In the case of high frequency, the permissible voltage varies with the type of the capacitor. For details please see the
relevant specifications.)
1.1 Rated voltage (Note 1)
・ The rated voltage refers to the maximum voltagethat can be applied continuously within the category temperature range.
If used beyond the rating, it may induce insulation breakdown of the film and cause short circuit. The product lifetime
abut the maximum rated condition depends on the kind of the capacitor.
・ In a metalized capacitor, which has a self-healing action, short circuit or other failure may not occur immediately after
application of a voltage over the rated voltage, but the insulation resistance is lowered, and it may lead to smoke or fire
depending on the circuit conditions.
・ A noise suppression capacitor ( AC rated voltage) should not be used at high frequency circuit.
Smoke and ignition may be caused by conditions for use.
・ The rated voltage of the capacitor for electronic appliance is usually indicated in the DC voltage except for special
purposes.
1.2 Derating of rated voltage where operating temperature is high
In film capacitors, the usable upper limit temperature (the capacitor surface temperature) is determined by the kind of
dielectric materials.
When used beyond the rated upper limit temperature (usable upper limit temperature), it is necessary to voltage derate
the in certain types (models), while other types (models) cannot be used beyond the rated upper limit temperature.
Be sure to confirm the type of capacitors before using, and when using beyond the rated upper limit temperature, be
sure to reduce the voltage and make sure the capacitor surface temperature is within the usable upper limit temperature
as below. When using at high frequency, however, since the capacitor itself has its own temperature rise, and hence
the following derating ratio cannot be applied.
<Rated upper limit temperature, Upper category temperature, and derating ratio of upper category temperature
by types in DC use
>(Example)
・ The AC rated voltage items are unnecessary for voltage derating by the temperature.
Rated upper limit temperature
:The upper limit temperature which can't reduce the voltage and can use continuously.
(including own temperature rise)
Upper category temperature
:The upper limit temperature which can reduce the voltage and use continuously.
(including own temperature rise)
Type
ECHU(C)
ECPU(A)
ECHU(X)
ECHU(X)
ECHU(X)
ECQE(F)
ECQE(B)
ECQE(T)
ECWF(A)
ECWF(L)
ECWH(A)
ECWH(C)
ECWF(A)
ECWF(A)
ECWH(V)
   Guidelines and precautions (Common)
No need derating of rated voltage
Acrylic resin
85
℃
85
℃
105
℃
105
℃
No need derating of rated voltage
No need derating of rated voltage
Polyphenylene sulfide
(PPS)
Rated voltage DC16 V
125
℃
125
℃
No need derating of rated
voltage
1.25 %/
℃
(Capacitance 0.12 μF to 0.22 μF)
No need derating of rated voltage
85
℃
125
℃
1.25 %/
℃
Rated voltage DC50 V
(Capacitance 0.0001 μF to 0.10 μF)
Rated voltage DC50 V
105
℃
125
℃
Polyethylene naphthalate
(PPS)
105
℃
105
℃
85
℃
85
℃
ECWU(X)
ECWU(C)
ECWU(V16)
85
℃
110
℃
0.62 %/
℃
Rated voltage
 DC630 V
85
℃
110
℃
1.0 %/
℃
ECWFG
105
℃
105
℃
No need derating of rated
voltage
85
℃
105
℃
1.0 %/
℃
Rated voltage
 DC630 V
85
℃
105
℃
1.25 %/
℃
Rated voltage DC630 V
Rated voltage
 DC630 V
Rated voltage
 DC450 V
ECWFE
ECWFD
ECWFE
ECWFD
Rated voltage
 DC450 V
2022/1/14
1. Operating voltage
Dielectric
Rated upper
limit
temperature
Upper category
temperature
Rated voltage by the
temperature beyond Rated
upper limit temperature
Polyester (PET)
85
℃
105
℃
1.25 %/
℃
Polypropylene (PP)
Rated voltage DC250 V
Rated voltage DC450 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com