Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 3Page - Panasonic Semiconductor ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Plastic Film Capacitors
(Example) Derating of rated voltage to operating temperature. Rated upper limit temperature 85
℃,
Upper category temperature 105
℃, Derating of rated voltage to which is 1.25 %/℃ at more than 85 ℃
1.3 Permissible voltage (R.M.S) in current corresponding to DC Rated voltage
・ A noise suppression capacitor ( AC rated voltage) should be used at the primay side power supplies.The design which
premised on use by 50Hz or 60Hz sine wave.
・ In case of applying voltage in alternating current (50Hz or 60Hz sine wave) to a capacitor, permissible voltage(R.M.S).
The capacitor of DC rating should not be used at the primary side power supplies.
1.4 Derating of rated voltage when using at high frequency
When using at high frequency, there is a risk of thermal runaway (smoke, fire) due to self heat generation in the capacitor.
Derate the operating voltage according to the example below.
For use at high frequency, we recommend ECHU(X)/(C), ECWF(A)/(L), and ECWH(A)/(C)/(V) types.
<Derating example of operating voltage>
Capacitor used
: ECWF2154JA (250 V.DC, 0.15 μ
F)
Operating frequency
: 40 kHz (sine wave)
Permissible current (entry the value from specification) : 40 kHz 2.0 Arms
Therefore, the operating voltage at sine wave 40 kHz is lower than to 53 Vrms (derating ratio 58%), as
compared with AC permitted voltage of 125 Vrms at commercial frequency.
(It is necessary to derate until the self heating temperature rise of the capacitor is below the specified value.)
〈Caution〉
(1) Use the peak value (Vo-p) of the Pulse voltage applied between the both terminals of the capacitor within the
DC rated voltage.
(2) When using at high frequency, it may lead to breakdown due to withstand voltage deterioration by self heat
generation. Therefore, measure the self heating temperature rise value of the capacitor, and make sure it is within
the specified.
(3) Protection for safety should be required in the case of the voltage over the rated voltage (permitted voltage) may
be applied to the capacitor due to abnormal action such as trouble elsewhere in the circuit.
Film capacitors are low in internal impedance, and hence a very large current may flow depending on the circuit. In particular,
when turning power switch on and off, make sure a very high pulse current may flow.
When a current exceeding the permissible range flows into capacitor, this can cause the capacitance value to deteriorate or
an open circuit condition, temperature rise occurs due to self heat generation, this cause can deterioration of withstand
voltage and result in short circuit, possibly leading to smoke or fire.
In the application, make sure current is within permissible current or self heating temperature is within permissible self
heating temperature rise limit shown on each delivery specifications.
2.1 Permissible current
The permissible current must be considered by dividing into pulse current (peak current) and continuous current
(rms current) depending on the breakdown mode, and when using, therefore, make sure the both currents are within the
permissible values.
2. Permitted current
2022/1/14
V =
=
= 53 Vrms
2.0
2
×3.14×40×103×0.15×10-6
I
2πfC
Cap. Surface Temp.(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com