Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor ECWFE Datasheet HTML 12Page - Panasonic Semiconductor ECWFE Datasheet HTML 13Page - Panasonic Semiconductor ECWFE Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Plastic Film Capacitors
The heat resisting temperature of the film capacitor varies with the type of dielectric film, structure of the capacitor,
manufacturing method, etc..
When mounting, set the mounting temperature so that the capacitor inside (element) temperature is be lower than the
mounting heat resisting temperature given below.
If the capacitors go through the high temperature both after soldering , be sure to check the temperature till decreasing.
<Cautions for mounting>
・ Solder within the following temperature condition range. (Dipping times is within twice, the second dipping should be
carried after the capacitor itself has returned to the normal temeprerature) (Example)
Notice) The soldering condition shows one example. The temperature of the
capacitors depend on several parameters for example soldering machine
size , machine structure, temperature control method, etc..
Should measure the temperature of the capacitors and confirm the
temperature under the above table.
Conditions
・ The film capacitor has lower mounting heatresistingtemperature than other capacitors, therefore the following
cautions are needed.
・ Avoid passing through an adhesive curing oven. After adhesive curing, the capacitor should be inserted in the P.W.
board and solder. (When passing an adhesive curing oven, breakage of coating resin or deterioration in
capacitor characteristic may be caused.)
・ Avoid reflow soldering. (When use in reflow soldering, breakage of coating resin or deterioration in capacitor
characteristic may be caused.)
・ When using in multilayer Printed wiring board, or in the case
of a capacitor with a copper lead wire, please contact with us.
(In the case of copper lead wire, the thermal conductivity of
the copper wire is high, and the internal temperature of the
capacitor rises rapidly and may exceed the mounting heat
resisting temperature.)
1. Soldering
(Target product : ECQE, ECWF, ECWH, ECQU)
Dielectric
Polypropylene
―
  Guidelines and precautions (Lead type)
ECWF(L) 400 V / 0.022 μF to 0.11 μF, 630 V / 0.01 μF to 0.043 μF
ECWF(A)
ECWF(L) 400 V / 0.12 μF to 2.4 μF, 630 V / 0.047 μF to 1.3 μF
Type
Measuring point B
Measuring point A
Mounting heat resisting temperature
145
℃
125
℃
―
30-Sep-19
135
℃
125
℃
Polyester
―
160
℃
Capacitor
Raised from P,W. board
(Crimped lead)
P. W. Board
Pre-heating
t = 0.8mm or more
Thickness
135
℃
Measurement temperature 120
℃
within 1 minute (Back side of the P. W.
Board around the capacitor)
125
℃
125
℃
―
125
℃
ECWFE 630 V, ECWFG 630 V
ECWH(A) , ECWH(V), ECWFD 630 V
ECWH(C)
135
℃
140
℃
ECWFD 450 V
ECQUA, ECWFE 450 V
ECQE(F)
ECQE(B), ECQE(T), ECQUL, ECQUG
120
℃
Metal spray layer
Capacitor
Thermocouple (ø0.1)
(Measuring point A:Capacitor inside(Metal spray layer)
Thermocouple (ø0.1)
(Measuring point B:Capacitor inside(Element)
Soldering iron
Dip soldering
400
380
360
340
320
300
280
260
240
220
0 1 2 3 4 5 6 7 8
Soldering time (s)
Thermocouple (ø0.1)
Part of measuring
Capacitor
P.W. board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com