Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor ECWFE Datasheet HTML 12Page - Panasonic Semiconductor ECWFE Datasheet HTML 13Page - Panasonic Semiconductor ECWFE Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Plastic Film Capacitors
4.6 Handling pre cautions
・ Sudden charging or discharging may causedeterioration of capacitor such as shorting and opening due to charging
or discharging current. When charging or discharging, pass through a resistance of 20 to 1000 Ω/V or more.
・ When connecting multiple film capacitors in parallel inwithstandvoltagetestorlifetest,connecta resistance of 20 to
1000 Ω/V or more in series to each capacitor.
・ Be careful not to scratch the capacitor surface with sharp edges (such as screwdriver, soldering iron, pincers,
chassis). Don’t apply excessive load to the lead wire (at the time of re-processing of lead wire, etc.).
・ If the capacitor is dropped by mistake, its characteristics may be damaged. Don’t use such a capacitor.
(If reusing, check the quality sufficiently.)
・ In the case of leaded type capacitor, be careful not to apply excessive force to the lead wire root area, which may cause
cracking or separation in the coating resin near the root area.
・ No dust or water should be permitted to remain on the surface of capacitor terminals as this may cause electrical leakage
or corrosion.
・ When used for noise suppression between lines and between line to earth when voltage is more than 30VAC and more
than 45VDC, covering peripheral resin part by flame retardant material or flame retardant case (for avoiding fire) is
recommended.
・ Chip type capacitor is developed assuming normal use of surface mounting parts.Abnormal use (ex: piling up two
capacitors, mounting capacitor in upright position, etc.) should not be permitted.Please consult us in advance if used in
different way from normal.
4.7 Additional points
・ The precautions in using film capacitors follow the JEITA RCR-2350 D “Safety Application Guide for fixd plastic film
capacitors for use in electronic equipment”. Please refer to the above guideline.
・ Product specifications, materials and other points mentioned in the catalog may be changed without notification.
(Note 1) Rated voltage
The maximum voltage that can be applied continuously in spite of temperature is called as the rated voltage in
our company. It's different from the standards of JIS and IEC.
* Definition of our company
The maximum voltagethat can be applied continuously within the category temperature range.
* Even when needing derating voltage at high temperature, the voltage after derating is called the rated voltage.
Therefore the maximum voltage that can be applied continuously at upper category temperature is being also called
the rated voltage.
2022/1/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com