Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor ECWFE Datasheet HTML 12Page - Panasonic Semiconductor ECWFE Datasheet HTML 13Page - Panasonic Semiconductor ECWFE Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Plastic Film Capacitors
When using film capacitor of low heat resisting temperature in mounting, measure the element temperature profile in mounting
in the following manner, and make sure the soldering is done below the heat resisting temperature.
<Preparation of measuring sample>
Open a hole of about Φ0.3 mm to 0.8 mm in the top of the capacitor to the middle of the element, and insert
thermocouple (ø0.1T wire), and fix with adhesive.
<Measurement of temperature profile>
As shown below, connect a thermocouple (3 - 4 )m of same type as the thermocouple attached to the capacitor, to
the thermocouple of the capacitor as shown below. Mount the sample on the mounting printed wiring board, and
pass into the soldering andmountingprocess,andmeasurethe temperature profile.
・ When using a capacitor across the line as means for prevention of noise, not only is the supply voltage is always applied,
but also abnormal surge such as lightning is applied, which may lead to smoke or fire. Therefore, the across-the-line
capacitors are strictly regulated in safety standard in each nation, and it is necessary to use the product conforming to
the standard.
For using across the line in Japan, use the following models or the above overseas authorized ones.
ECQE(F)
: 1000 V.DC (125 V.AC) rating
ECQE(F)
: 1250 V.DC (125 V.AC) rating
ECQE(F)/(B)/(T)
: 125 V.AC (1A) rating
ECQE(F)/(T)
: 250 V.AC (2A) rating
However, when using the ECQE(F)1A/2A, ECQE(B)1A , ECQE(T)1A/2A rating model as across-the-line capacitor, at least
one of the following conditions must be satisfied.
(1) A varistor with the voltage of the value or lessshown in the following table should be connected to the capacitor in
parallel.
(2) A pulse voltage more than the value shown in the table below should not be applied across the capacitor.
Note : When using together with varistor, check the varistor specification, and select the one free from surge
deterioration.
When Safety standard approval capacitor is used for necessary equipment, please use items of the following table.
<Representative examples of models authorized in major safety standards in the world>
* Please contact us about CQC (China).
・ In the case of the voltage dropper usage, when an abnormal voltage of the surge voltage etc. is applied the capacitance
decrease is caused, such as the fuse function in the capacitor operates.In the worst case, the capacitor does not work as
voltage dropper. So, please notice an abnormal voltage. At that time, high voltage may be applied to the load side.
Therefore, please provide protective means for safety.
The products are tested based on all or part of the test conditions and methods defined in AEC-Q200.
Please consult with Panasonic for the details of the product specification and specific evaluation test results, etc., and please
review and approve Panasonic's product specification before ordering.
30-Sep-19
3. Temperature measuring in soldering of film capacitor
4. Capacitor for prevention of AC power supply (across the line) noise
Cap. rated voltage
Varistor voltage
Pulse voltage
125 V.AC (1A)
250 V
250 Vo-p
250 V.AC (2A)
470 V
630 Vo-p
■ AEC-Q200 compliant
Shape
Plastic case type
Plastic case type
ECQUL
UL 60384-14(USA), CSA E60384-14(Canada), EN 60384-14(Europe)
ECQUG
UL 60384-14(USA), CSA E60384-14(Canada), EN 60384-14(Europe)
Type
Standard
ECQUA
UL 60384-14(USA), CSA E60384-14(Canada), EN 60384-14(Europe)
Plastic case type
Capacitor
3 to 4 m
Thermocouple
P.W. board
Measurement instrument
(Fine wire)
ø0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com