Electronic Components Datasheet Search
  English  ▼

X  

ECWFE Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor ECWFE Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Plastic Film Capacitors
2.2 Permissible current to operating frequency
The film capacitor varies in the frequency characteristic of the dissipation factor (tanδ) depending on the dissipation factor,
and hence the permissible rms current for operating frequency differs depending on the capacitor type. In particular, when
operating at high frequency, the dissipation factor (tanδ) increases, and when using over the permissible current, it may
include the thermal runaway, possibly leading to smoke or fire. Shown below are typical examples of permissible current
by frequency (rms value) of the ECQE(F) type using polyester film and ECWF(A) type using polypropylene film. For detail
inquire us by presenting the operating conditions, or make sure the own temperature rise of the capacitor and the capacitor
surface temperature are within the permissible range in the worst operating conditions.
2.3 The capacitance and the permissible currents
The permissible rms current varies with the capacitance value. The permissible current (rms) values by the frequencies
and by the capacitance of representative types are shown below. In actual use, inquire us for detail by measuring the
voltage and current waveforms, ambient temperature, and own temperature rise.
Type
: ECQE(F)(Polyester)
Type
: ECWF(A)(Polypropylene)
Rated voltage
: 250 V.DC ⇒
Rated voltage
: 250 V.DC ⇒
150 Vrms 60Hz (at sine wave)
125 Vrms 60Hz (at sine wave)
Operating temp. : -40 to 85
℃ (Cap. surface)
Operating temp. : -40 to 85
℃ (Cap. surface)
2.4 Permissible current to pulse current
・ When used in switching circuits or snubber circuits a momentary high current pulse may cause local heat generation.
This causing the capacitance value to deteriorate or an open circuit condition. Local heat generation may also induce
smoke or fire. The pulse permissible current (10000 times) isobtained by the product of dV/dt (V/μs) value that is
entering to the specification and capacitance (μF).
・ The dV/dt (V/μs) value of a film capacitor is determined by the element structure, and in the metalized type, in particular,
the internal evaporated electrode and external takeout electrode are connected by metalized contact (metal spraying),
and hence due caution is needed because the upper limit of dV/dt value is low.
・ The dV/dt values corresponding to rated voltage and capacitance value of representative types are shown in page 6.
When used in a high current pulse circuit, check the pulse permissible current (Ao-p).
Please contact with us, If pulses are applied more than 10,000 times.
<How to determine pulse permissible current>
When voltage V(V) is applied to capacitor C (F for farad), the electric charge Q(C) is expressed in formula
①.
Q=C・V ‥‥‥‥
①
The charging current I(A)flow in the capacitor at this time is expressed in formula
②.
I
=dQ/dt ‥‥‥‥
②
Differentiating both sides of formula
① by timet and putting into formula ② yields formula ③.
dQ/dt = C
・ dV/dt
I = C
・ dV/dt ‥‥‥‥
③
Therefore, the pulse current is determined as theproduct of the capacitance value C (μF) and voltage change dV/dt
per μs.
(Example)
In the case of ECQE4224KF (permissible dV/dt)
Rated voltage
: 400 V.DC
Capacitance
: 0.22 µF
Permissible dV/dt value : 37
Pulse permissible current : 0.22(μF)×37 ≒ 8Ao-p
(however, number of repetitions is 10,000 times or less), that is, momentary pulse current can be used up to 8 Ao-p.
Make sure the rms current is within the permissible value.
2022/1/14
(Note)
The graphs illustrated
are for reference only.
Waveform of current
and temperature rise of
capacitor are key
factors to determine
permissible current. For
actual application,
consult our sales
representative or sales
office.
5.0
1.0
0.5
0.0
10
100
50
4.5
4.0
3.5
3.0
2.5
2.0
1.5
10.0μF
4.7μF
2.2μF
1.0μF
0.47μF
0.22μF
0.10μF
0.047μF
0.022μF
0.010μF
100
50
Frequency (
kHz)
Frequency (
kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com