Electronic Components Datasheet Search
  English  ▼

X  

WD1 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 16Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 17Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 18Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 19Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16-18
WD 1 (M) / WD 1000 (M)
Changing calibration at 450 °C / 842 °F
1. Insert the temperature sensor (0.5 mm) of the external
temperature meter into the temperature measuring tip.
2. Select the menu item FCC in Menu 2.
3. Press the UP button.Calibration point 450 °C / 842 °F is selected.
The soldering tip is now heated to 450 °C / 842 °F.
The control indicator flashes as soon as the temperature is
constant.
4. Compare the temperatures indicated by the meter with the
indications in the display.
5. Use the UP or DOWN button to set the difference between the
value indicated on the external meter and the value indicated on
the soldering station.
Maximum possible temperature adjustment ± 40 °C (± 72 °F).
Example:
Display 450 °C, external meter 448 °C: setting
2
Display 450 °C, external meter 452 °C: setting
2
Note Press button III to exit the menu item without changes (EXIT).
6. Press button II (Set) to confirm the value.
The temperature deviation is now reset to 0. Calibration at
450 °C / 842 °F is now concluded.
7. Exit Menu 2 with button III.
Resetting calibration to factory settings
1. Select the menu item FCC in Menu 2.
2. Press and hold button III.
3. Then press the UP and DOWN buttons simultaneously.
"FSE“ (Factory Setting Enabled) appears in the display.
The soldering station is now reset to the factory settings.
4. Press the I (back) or II (forwards) button to switch to the next
menu item.
Setting the control characteristics for the WP 120
The HI / LO CONTROL function can be used to set the control
characteristic of the WP 120, which was set to HI in the factory:
1. Select the menu item HI / LO in Menu 2.
2. Set the status by pressing the UP (HI) or DOWN (LO) button.
I
II
III
I
II
III
III
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com