Electronic Components Datasheet Search
  English  ▼

X  

WD1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WD1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
WD 1 (M) / WD 1000 (M)
5-18
4 Device description
The Weller WD 1 (M) / WD 1000 (M) is a versatile soldering station
for performing professional repair work on state-of-the-art electronic
assemblies in the industrial engineering sector as well as repair
workshops and laboratories.
Precise temperature control performance at the soldering tip is
guaranteed by the digital control electrotechnology together with
superior-quality sensor and heat-transfer technology. High-speed
measured-value acquisition provides for maximum temperature
precision and optimum dynamic temperature performance in load
situations.
All soldering irons (except for microtools) up to 80 Watts can be
connected to the WD 1. The temperature range is from 50 °C to
450 °C (150 °F to 850 °F). The WD 1M is multifunctional and all
soldering irons up to 150 Watts and microtools (WMRP & WMRT)
can be connected; the temperature range is from 50 °C to 450 °C
(150 °F to 850 °F). Setpoint and actual values are displayed in digital
from. Three temperature buttons are used to select fixed
temperatures directly. A flashing optical control check (" " symbol
on display) indicates that the preselected tool temperature has been
reached.
The Weller WD 1 (M) / WD 1000 (M) soldering station also offers the
following functions:
−
Automatic tool detection and activation of corresponding control
parameters
−
Digital temperature control
−
Option of inputting offset values
−
Programmable temperature reduction (setback)
−
Standby and lock functions
−
Antistatic device design in accordance with ESD safety
−
Different equipotential-bonding possibilities on the device
(standard configuration hard earthed)
−
Customer-specific calibration function
−
USB port for control, evaluation and documentation via PC
4.1
Safety holder
The funnel insert (21) for holding the soldering iron has four different
settings and can be adjusted to the most ergonomic position without
requiring tools. There is a compartment (22) on the back for storing
soldering tips. The base plate on the compartment contains a
cleaning element (23) for cleaning the soldering tip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com