Electronic Components Datasheet Search
  English  ▼

X  

WD1 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12-18
WD 1 (M) / WD 1000 (M)
Temperature performance with different settings of the SETBACK
and AUTO OFF functions
Settings
Temperature performance without switching holder
SETBACK time
[1-99 mins]
OFF time
[1-999 mins]
0
0
Soldering tool remains at the set soldering temperature.
ON
0
Time
Soldering tool is switched off when not in use1) after the OFF time
has elapsed.
ON
Time
0
Soldering tool is controlled down when not in use1) to the STANDBY
temperature2) after the SETBACK time has elapsed.
Time
Time
Soldering tool is controlled down when not in use1) to the STANDBY
temperature2) after the SETBACK time has elapsed and is switched
off after the OFF time has elapsed.
Temperature performance with switching holder
0
0
Soldering is switched off in the holder3).
ON
0
Soldering tool is controlled down in the holder3) to the STANDBY
temperature2).
0
Time
Soldering tool is switched off in the holder3) after the OFF time has
elapsed.
ON
Time
Soldering tool is controlled down in the holder3) to the STANDBY
temperature2) and is switched off after the OFF time has elapsed.
Time
0
Soldering tool is controlled down in the holder3) to the STANDBY
temperature2) after the SETBACK time has elapsed.
Time
Time
Soldering tool is controlled down in the holder3) to the STANDBY
temperature2) after the SETBACK time has elapsed and is switched
off after the OFF time has elapsed.
1)
Not in use = UP/DOWN buttons not pressed and no temperature drop > 3 °C.
2)
STANDBY temperature must be below the set setpoint temperature, otherwise the SETBACK
function is inactive.
3)
When a switching holder is connected, the soldering tool always remains at the set setpoint
temperature outside the holder.
The holder function is activated when the soldering tool is stowed for the first time.
Note Reset of STANDBY and OFF modes:
−
without switching holder by pressing the UP or DOWN button.
−
with switching holder by removing the soldering tool from the
holder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com