Electronic Components Datasheet Search
  English  ▼

X  

WD1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8-18
WD 1 (M) / WD 1000 (M)
6 Operating the device
6.1
Setting the temperature
Setting the temperature individually
1. Switch on the device at the mains power switch (7).
The display indicates the actual temperature value.
2. Press the UP or DOWN button.
The display switches to the preset setpoint value. The
temperature symbol (14) flashes.
3. Press the UP or DOWN button to set the desired setpoint
temperature:
- Brief touching alters the setpoint value by one degree.
- Permanent pressing alters the setpoint value in rapid pass
mode.
The actual value of the selected channel appears in the display
again approx. 2 seconds after the setting buttons are released.
4. Press the UP and DOWN buttons simultaneously.
If the channel is now inactive, "OFF“ appears in the display.
If the channel is now activated, the current actual temperature
appears in the display.
Stored data is not lost when a channel is switched off.
Selecting the temperature with temperature buttons I, II and III
The setpoint temperature value can be set by selecting three preset
temperature values (fixed temperatures).
Factory settings:
I = 150 °C (300 °F), II = 350 °C (662 °F), III = 380 °C (716 °F)
Press the required temperature button I, II or III.
The selected setpoint appears on the display for approx. 2 s. The
temperature symbol flashes while the setpoint is displayed.
The unit switches back to the actual value display automatically.
Setting the value of temperature buttons I, II and III
1. Press the required temperature button I, II or III.
2. Set the setpoint temperature value with the UP or DOWN button.
3. Press and hold the required temperature button I, II or III for three
seconds.
The temperature display for the corresponding temperature value
flashes during this period. The set value is stored after 3
seconds.
4. Release the temperature button again.
Note Assigning a low "Setback“ temperature to a temperature button
offers the possibility of manual temperature reduction when the
soldering bit is not in use.
I
II
III
I
II
III
I
II
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com