Electronic Components Datasheet Search
  English  ▼

X  

WD1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6-18
WD 1 (M) / WD 1000 (M)
4.2
Technical data WD 1 (M) / WD 1000 (M)
Dimensions
L x W x H (mm): 134 x 108 x 147
L x W x H (inches): 5.27 x 4.27 x 5.77
Weight
approx. 3.4 kg
Mains supply voltage
230 V, 50/60 Hz
120 V, 60 Hz
100 V, 50/60 Hz
Power consumption
95 W
Safety class
I and III, housing antistatic
Fuse (12)
Only WD 1 / WD 1000
T 500 mA (230 V, 50 / 60 Hz)
T 1.0 A (120 V, 60 Hz)
T1.25 A (100 V, 50 / 60 Hz)
Fuse (12)
Only WD 1 M/ WD 1000M
T 800 mA (230 V, 50 / 60 Hz)
T 1.6 A (120 V, 60 Hz)
T1.6 A (100 V, 50 Hz)
Temperature control
50 °C – 450 °C (150 °F – 842 °F)
Temperature accuracy
± 9 °C (± 17 °F)
Temperature stability
± 5 °C (± 9 °F)
Soldering tip leakage
resistance (tip to ground)
Complies with IPC-J-001D
Soldering tip leakage
current (tip to ground)
Complies with IPC-J-001D
Equipotential bonding
Via 3.5 mm pawl socket on back of
device (8).
Equipotential bonding
4 variants are possible through connecting the 3.5 mm pawl
socket (8) differently:
−
Hard earthed/grounded: without connector (delivery status)
−
Equipotential bonding: with connector, bonding line at central
contact
−
Floating: with connector
−
Soft earthed/grounded: with connector and soldered resistor.
Earthing/grounding via the selected resistor
USB port
The control units WD 1M and WD 1000M are fitted with a mini USB
interface (10). For the purpose of using the USB port, Weller
software is available on a CD with which you
−
can carry out a software update ("Firmware Updater“) on your
control unit and
−
can remote-control the control unit and graphically display, store
and print temperature curves ("Monitor Software“).
Note Control units WD 1 and WD 1000 can be retrofitted with a USB
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com