Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 9Page - Texas Instruments LM5012 Datasheet HTML 10Page - Texas Instruments LM5012 Datasheet HTML 11Page - Texas Instruments LM5012 Datasheet HTML 12Page - Texas Instruments LM5012 Datasheet HTML 13Page - Texas Instruments LM5012 Datasheet HTML 14Page - Texas Instruments LM5012 Datasheet HTML 15Page - Texas Instruments LM5012 Datasheet HTML 16Page - Texas Instruments LM5012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Ratings. VCC does not have current limit protection, so selecting a higher value capacitance stresses the
internal VCC regulator and can damage the device. A lower capacitance than required is not sufficient to drive
the internal gate of the power MOSFET. An internal diode connects from the VCC regulator to the BST pin to
replenish the charge in the high-side gate drive bootstrap capacitor when the SW voltage is low.
8.3.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 1.2-V reference. The LM5013 voltage regulation loop
regulates the output voltage by maintaining the FB voltage equal to the internal reference voltage, VREF. A
resistor divider programs the ratio from output voltage VOUT to FB.
For a target VOUT setpoint, use Equation 2 to calculate RFB2 based on the selected RFB1.
FB2
FB1
OUT
1.2 V
R
R
V
1.2 V
˜
(2)
TI recommends selecting RFB1 in the range of 100 kΩ to 1 MΩ for most applications. A larger RFB1 consumes
less DC current, which is mandatory if light-load efficiency is critical. TI does not recommend a RFB1 larger than
1 MΩ as the feedback path becomes more susceptible to noise. Ensure to route the feedback trace away from
the noisy area of the PCB, minimize the feedback node size, and keep the feedback resistors close to the FB
pin.
8.3.4 Internal Soft Start
The LM5013 employs an internal soft-start control ramp that allows the output voltage to gradually reach
a steady-state operating point, thereby reducing start-up stresses and current surges. The soft-start feature
produces a controlled, monotonic output voltage start-up. The soft-start time is internally set to 3.5 ms.
8.3.5 On-Time Generator
The LM5013 on-time high-side FET is determined by the RRON resistor and is inversely proportional to the
input voltage, VIN. The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. Use
Equation 3 to calculate the on time.
RON
ON
IN
R
k
t
V
V
V
2.5
:
˜
(3)
Use Equation 4 to determine the RRON resistor to set a specific switching frequency in CCM.
OUT
RON
SW
V
(V) 2500
R
(k )
F
(kHz)
˜
:
(4)
Select RRON for a minimum on time (at maximum VIN) greater than 50 ns for proper operation. In addition to this
minimum on time, the maximum frequency for this device is limited to 1 MHz.
8.3.6 Current Limit
The LM5013 manages overcurrent conditions with cycle-by-cycle current limiting of the peak inductor current.
The current sensed in the high-side MOSFET is compared every switching cycle to the current limit threshold
(3.2 A). There is a 100-ns leading-edge blanking time following the high-side MOSFET turn-on transition to
eliminate false tripping off the current limit comparator. To protect the converter from potential current runaway
conditions, the LM5013 includes a tOFF timer that is proportional to VIN and VOUT that is enabled if a 3.2-A
peak current limit is detected. As shown in Figure 8-1, if the peak current in the high-side MOSFET exceeds
3.2 A (typical), the present cycle is immediately terminated regardless of the programmed on time (tON), the
high-side MOSFET is turned off and the tOFF timer is activated. This action allows the peak inductor current to
fall from 3.2-A peak to an acceptable value to ensure no excessive current in the power stage. This method
folds back the switching frequency to prevent overheating and limits the average output current to less than 3.2
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com