Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 17Page - Texas Instruments LM5012 Datasheet HTML 18Page - Texas Instruments LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments LM5012 Datasheet HTML 21Page - Texas Instruments LM5012 Datasheet HTML 22Page - Texas Instruments LM5012 Datasheet HTML 23Page - Texas Instruments LM5012 Datasheet HTML 24Page - Texas Instruments LM5012 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
9.2.3 Application Curves
VOUT = 12 V
RON = 102 kΩ
LO = 22 μH
Figure 9-2. Conversion Efficiency (Linear Scale)
VOUT = 12 V
RON = 102 kΩ
LO = 22 μH
Figure 9-3. Conversion Efficiency (Linear Scale)
VOUT = 12 V
RON = 102 kΩ
LO = 22 μH
Figure 9-4. Load and Line Regulation Performance
VIN = 48 V
VOUT = 12 V
IOUT = 1.75-A to 3.5-A
(Rise/fall time = 1 A/μS)
Figure 9-5. Load Step Response
VIN = 48 V
VOUT = 12 V
IOUT = 0 A
Figure 9-6. No-Load Start-Up with EN/UVLO
VIN = 48 V
VOUT = 12 V
Load = 0 A to Short
Figure 9-7. Short Circuit Applied
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com