Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 3 Page - Texas Instruments

  LM5012 Datasheet HTML 1Page - Texas Instruments LM5012 Datasheet HTML 2Page - Texas Instruments LM5012 Datasheet HTML 3Page - Texas Instruments LM5012 Datasheet HTML 4Page - Texas Instruments LM5012 Datasheet HTML 5Page - Texas Instruments LM5012 Datasheet HTML 6Page - Texas Instruments LM5012 Datasheet HTML 7Page - Texas Instruments LM5012 Datasheet HTML 8Page - Texas Instruments LM5012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Device Comparison Table
Device
Description
Orderable Part Number
Package
VIN
IOUT
LM5163-Q1
Automotive 100-V input, 0.5-A
synchronous buck converter
LM5163QDDARQ1
SO PowerPAD (8)
integrated circuit
package
100 V
0.5 A
LM5164-Q1
Automotive 100-V input, 1-A
synchronous buck converter
LM5164QDDARQ1
SO PowerPAD (8)
integrated circuit
package
100 V
1 A
LM5012-Q1
Automotive 100-V, 2.5-A non-
synchronous buck converter
LM5012QDDARQ1
SO PowerPAD (8)
integrated circuit
package
100 V
2.5 A
LM5012
100-V input, 2.5-A non-
synchronous buck converter
LM5012DDAR
SO PowerPAD (8)
integrated circuit
package
100 V
2.5 A
LM5013-Q1
Automotive, 100-V, 3.5-A non-
synchronous buck converter
LM5013QDDARQ1
SO PowerPAD (8)
integrated circuit
package
100 V
3.5 A
LM5013
100-V, 3.5-A non-synchronous
buck converter
LM5013DDAR
SO PowerPAD (8)
integrated circuit
package
100 V
3.5 A
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com