Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 12Page - Texas Instruments LM5012 Datasheet HTML 13Page - Texas Instruments LM5012 Datasheet HTML 14Page - Texas Instruments LM5012 Datasheet HTML 15Page - Texas Instruments LM5012 Datasheet HTML 16Page - Texas Instruments LM5012 Datasheet HTML 17Page - Texas Instruments LM5012 Datasheet HTML 18Page - Texas Instruments LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
8.4 Device Functional Modes
8.4.1 Shutdown Mode
EN/UVLO provides ON and OFF control for the LM5013. When VEN/UVLO is below approximately 1.1 V,
the device is in shutdown mode. Both the internal linear regulator and the switching regulator are off. The
quiescent current in shutdown mode drops to 3.1 µA at VIN = 24 V. The LM5013 also employs internal bias rail
undervoltage protection. If the internal bias supply voltage is below the UV threshold, the regulator remains off.
8.4.2 Standby Mode
The LM5013 enter standby mode during light or no-load on the output. The LM5013 enters standby mode
to prevent draining the input power supply. All internal controller circuits are turned off to reduce the current
consumption. The quiescent current in standby mode is 25 μA (typical).
8.4.3 Active Mode
The LM5013 is in active mode when VEN/UVLO is above the precision enable threshold and the internal bias rail
is above its UV threshold. In COT active mode, the LM5013 is in one of three modes depending on the load
current:
• CCM with fixed switching frequency when load current is above half of the peak-to-peak inductor current
ripple
• The LM5013 enters discontinuous conduction mode when the load current is less than half of the peak-to-
peak inductor current in CCM operation.
• Current limit CCM with peak current limit protection when an overcurrent condition is applied at the output
8.4.4 Sleep Mode
During discontinuous conduction mode, the load current is lower than half of the peak-to-peak inductor current
ripple and the switching frequency decreases when the load is further decreased in pulse skipping mode. A
switching pulse is set when VFB drops below 1.2 V.
As the frequency of operation decreases and VFB remains above 1.2 V (VREF) with the output capacitor sourcing
the load current for greater than 15 µs, the converter enters an ultra-low IQ sleep mode to prevent draining
the input power supply. The input quiescent current (IQ) required by the LM5013 decreases to 10 µA in sleep
mode, improving the light-load efficiency of the regulator. In this mode, all internal controller circuits are turned
off to ensure very low current consumption by the device. Such low IQ renders the LM5013 as the best option to
extend operating lifetime for off-battery applications. The FB comparator and internal bias rail are active to detect
when the FB voltage drops below the internal reference VREF and the converter transitions out of sleep mode
into active mode. There is a 9-µs wake-up delay from sleep to active states.
LM5013
SNVSCB3 – OCTOBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com