Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 16Page - Texas Instruments LM5012 Datasheet HTML 17Page - Texas Instruments LM5012 Datasheet HTML 18Page - Texas Instruments LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments LM5012 Datasheet HTML 21Page - Texas Instruments LM5012 Datasheet HTML 22Page - Texas Instruments LM5012 Datasheet HTML 23Page - Texas Instruments LM5012 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
OUT
IN
SW
IN(ripple)
OUT
ESR
I
D 1 D
C
F
V
I
R
˜
˜
t
˜
˜
(15)
The recommended high-frequency input capacitance is 4.4 µF or higher. Ensure the input capacitor is a high-
quality X7S or X7R ceramic capacitor with sufficient voltage rating for CIN. Based on the voltage coefficient of
ceramic capacitors, choose a voltage rating preferably twice the maximum input voltage. Additionally, some bulk
capacitance can be required for large input loop inductance or long wire harnesses used in the system. This
capacitor provides parallel damping to the resonance associated with parasitic inductance of the supply lines
and high-Q ceramics. See the Power Supply Recommendations section for more detail.
9.2.2.7 Type 3 Ripple Network
A Type 3 ripple generation network uses an RC filter consisting of RA and CA across SW and VOUT to generate
a triangular ramp that is in phase with the inductor current. This triangular ramp is then AC-coupled into the
feedback node using capacitor CB as shown in Figure 9-1. Type 3 ripple injection is suited for applications where
low output voltage ripple is crucial.
Use Equation 16 and Equation 17 to calculate RA and CA to provide the required ripple amplitude at the FB pin.
A
SW
FB1
FB2
10
C
F
R
R
t
˜
(16)
For the feedback resistor RFBT = 453 kΩ and RFBB = 49.9 kΩ values shown in Figure 9-1, Equation 16 dictates a
minimum CA of 742 pF. In this design, a 3300-pF capacitance is chosen. This value is chosen to keep RA within
practical limits between 100 kΩ and 1 MΩ when using Equation 17.
Ra ×Ca≤ VINnom −VOUT ×tONnom 
20mV
(17)
Based on CA set at 3.3 nF, RA is calculated to be 453 kΩ to provide a 20-mV ripple voltage at FB. The general
recommendation for a Type 3 network is to calculate RA and CA to get 20 mV of ripple at typical operating
conditions. A smaller RA can need to be used to operate below nominal 48-V input. Ensure 12 mV of FB ripple or
more at the minimum input voltage design to ensure stability.
While the amplitude of the generated ripple does not affect the output voltage ripple, it impacts the output
regulation as it reflects as a DC error of approximately half the amplitude of the generated ripple. For example,
a converter circuit with Type 3 network that generates a 40-mV ripple voltage at the feedback node has
approximately 10-mV worse load regulation scaled up through the FB divider to VOUT than the same circuit that
generates a 20-mV ripple at FB. Use Equation 18 to calculate the coupling capacitance, CB.
t
˜
TR-settling
B
FB1
t
C
3 R
(18)
where
• tTR-settling is the desired load transient response settling time.
CB calculates to 56 pF based on a 75-µs settling time. This value avoids excessive coupling capacitor discharge
by the feedback resistors during sleep intervals when operating at light loads. To avoid capacitance fall-off with
DC bias, use a C0G or NP0 dielectric capacitor for CB.
LM5013
SNVSCB3 – OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com