Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5012
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 13Page - Texas Instruments LM5012 Datasheet HTML 14Page - Texas Instruments LM5012 Datasheet HTML 15Page - Texas Instruments LM5012 Datasheet HTML 16Page - Texas Instruments LM5012 Datasheet HTML 17Page - Texas Instruments LM5012 Datasheet HTML 18Page - Texas Instruments LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments LM5012 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LM5013 requires only a few external components to step down from a wide range of supply voltages
to a fixed output voltage. Several features are integrated to meet system design requirements, including the
following:
• Precision enable
• Input voltage UVLO
• Internal soft start
• Programmable switching frequency
• A PGOOD indicator
To expedite the process of designing with LM5013, a LM5013 design calculator is available on the product folder
"tool" section. This calculator is complemented by an evaluation module for order, PSPICE models, as well as
TI's WEBENCH® Power Designer.
9.2 Typical Application
Figure 9-1 shows the schematic for 48-V to 12-V conversion.
SW
BST
PGOOD
VIN
EN/UVLO
GND
RON
FB
LM5013
CIN
2 × 2.2 µF
VIN = 6 V...100 V
CBST
2.2 nF
RRON
100 k
U1
VOUT = 12 V
COUT
22 F
IOUT = 3.5 A
LO
H
RFB1
453 k
RFB2
49.9 k
RA
453 k
CA
3.3 nF
CB
56 pF
DSW
Figure 9-1. Typical Application, VIN(nom) = 48 V, VOUT = 12 V, IOUT(max) = 3.5 A, fSW(nom) = 300 kHz
Note
This and subsequent design examples are provided herein to showcase the LM5013 converter
in several different applications. Depending on the source impedance of the input supply bus, an
electrolytic capacitor can be required at the input to ensure stability, particularly at low input voltage
and high output current operating conditions. See the Power Supply Recommendations section for
more details.
9.2.1 Design Requirements
The target full-load efficiency is 92% based on a nominal input voltage of 48 V and an output voltage of 12 V.
The required input voltage range is 15 V to 100 V. The switching frequency is set by resistor RON at 300 kHz.
The output voltage soft-start time is 3 ms. Refer to LM5013-Q1 EVM user's guide for more detail on component
selection.
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com