Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 49Page - STMicroelectronics SPSB0815 Datasheet HTML 50Page - STMicroelectronics SPSB0815 Datasheet HTML 51Page - STMicroelectronics SPSB0815 Datasheet HTML 52Page - STMicroelectronics SPSB0815 Datasheet HTML 53Page - STMicroelectronics SPSB0815 Datasheet HTML 54Page - STMicroelectronics SPSB0815 Datasheet HTML 55Page - STMicroelectronics SPSB0815 Datasheet HTML 56Page - STMicroelectronics SPSB0815 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
HS driver OFF
CAN OFF
IV(VBAT,25)
Current consumption in
VBAT_standby mode
VS=12V Tj = 25°C
Both voltage regulators deactivated,
HS driver OFF
No CAN communication
15
25
µA
A.055
IV(VBAT,85)
Current consumption in
VBAT_standby mode. (1)(2)
VS=12V Tj = 85°C
Both voltage regulators deactivated,
HS driver OFF
No CAN communication
25
30
A.013
IV(BAT)CS
Current consumption in
VBAT-standby mode
with cyclic sense enabled
(1)
VS=12V Tj = 25°C
Both voltage regulators deactivated,
T=50 ms, ton=100 µs
42
53
µA
A.056
VS=12 V Tj = 85°C
Both voltage regulators deactivated,
T=50 ms, ton=100 µs
48
60
A.014
IV(BAT)CW
Current consumption in
VBAT-standby mode
with cyclic wake-up
enabled
(1)
VS=12 V Tj = 25°C
Both voltage regulators deactivated
In standby phase before wake-up on timer
expiration
42
55
µA
A.057
VS=12V Tj = 85°C
Both voltage regulators deactivated
In standby phase before wake- up on
timer expiration.
(3)
48
60
A.015
IV(V1stby,25)
Current consumption in
V1_standby mode (1)(2)
VS=12 V Tj = 25°C
Voltage regulator V1 active,
(Iv1 = 0) HS driver OFF; Wake-up OFF
except for LIN transceiver
48
60
µA
A.058
IV(V1stby,85)(3)
VS=12 V Tj = 85°C
Voltage regulator V1 active,
(Iv1 = 0) HS driver OFF; Wake-up OFF
except for LIN transceiver
59
70
A.016
IV(V1stby_cc,25)(3)(4)
Current consumption for
cyclic sense enabled
V1_standby
WDG = OFF
Tj = 25°C
40
80
µA
A.059
IV(V1stby_cc,85)(3)(4)
V1_standby
WDG = OFF
Tj = 85°C
48
96
µA
A.060
IV(VBAT_WU,25)(3)(4)
Current consumption for
Wake-up inputs
VBAT_standby;
Voltage regulator V2 disabled; Wake-up
on;
NO CAN; NO LIN; no activity on wake-up
pins
Tj = 25°C
0.5
1.5
µA
A.061
SPSB081
Electrical characteristics
DS14048 - Rev 1
page 53/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com