Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 34Page - STMicroelectronics SPSB0815 Datasheet HTML 35Page - STMicroelectronics SPSB0815 Datasheet HTML 36Page - STMicroelectronics SPSB0815 Datasheet HTML 37Page - STMicroelectronics SPSB0815 Datasheet HTML 38Page - STMicroelectronics SPSB0815 Datasheet HTML 39Page - STMicroelectronics SPSB0815 Datasheet HTML 40Page - STMicroelectronics SPSB0815 Datasheet HTML 41Page - STMicroelectronics SPSB0815 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 135 page
background image
•
If OUTx_CCM_EN = 1, after driver has been started in ON, PWM, timer modes then CCM bit is ignored;
•
If OUTx_CCM_EN bit is cleared by the microcontroller before timeout, then the driver is switched to ON
mode;
The short-circuit and overcurrent detection are enabled in ON, PWM, timer and DIR modes, but not in constant
current mode. The default value for the OUTx_CCM_EN bit is 0, that is, the CCM is disabled by default.
Figure 24. Constant current mode
3.20
Temperature warning and shutdown
If any of the cluster junction temperatures rises above the temperature warning threshold (TW ON), a temperature
warning flag is set after the temperature warning filter time (tfTjTW) and can be read via SPI. If the junction
temperature increases above the temperature shutdown threshold (TSD1 OFF), the thermal shutdown bit is set
and the power transistors of all output stages are switched off to protect the device after the thermal shutdown
filter time. The temperature warning and thermal shutdown flags are latched and must be cleared by the
microcontroller. This is done by a read and clear command on the relevant status register (TSD1 is bit 4 in
status register 1 while TW is bit 8 in status register 2).
After these bits have been cleared, the output stages are reactivated. If the temperature is still above the thermal
warning threshold, the thermal warning bit is set after tfTjTW. Once this bit is set and the temperature is above the
temperature shutdown threshold, temperature shutdown is detected after tfTjTW and the outputs are switched off.
Therefore, the minimum time after which the outputs are switched off after the bits have been cleared in case the
temperature is still above the thermo shutdown threshold is twice the thermo warning/shutdown filter time tfTjTW.
SPSB081
Temperature warning and shutdown
DS14048 - Rev 1
page 38/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com