Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 67Page - STMicroelectronics SPSB0815 Datasheet HTML 68Page - STMicroelectronics SPSB0815 Datasheet HTML 69Page - STMicroelectronics SPSB0815 Datasheet HTML 70Page - STMicroelectronics SPSB0815 Datasheet HTML 71Page - STMicroelectronics SPSB0815 Datasheet HTML 72Page - STMicroelectronics SPSB0815 Datasheet HTML 73Page - STMicroelectronics SPSB0815 Datasheet HTML 74Page - STMicroelectronics SPSB0815 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 135 page
background image
Symbol
Parameter
Condition
Min Typ
Max Unit Item
Receiver timing
symmetry (TBit(RXD) -
TBit(BUS))
CL = 100 pF; CRXD=15 pF;
Rectangular pulse signal TTXDC= 1200 ns, high
pulse 200 ns, low pulse 1000 ns
ns
tCAN(2)
CAN permanent
dominant time out
Tested by scan
600 700
900
µs
E.061
tWUP-VCansup
time between WUP
on the CAN bus until
VCansup goes active
Wake-Up-Pattern Wake-Up
70% VDIFF – 90% VCansup(min);
0
200
µs
E.062
tWUP-RXD
time between WUP
(3) on the CAN bus
until RXD is active
(i.e. the CAN signal
is represented at the
RXD output)
Wake-Up-Pattern Wake-Up
RXD output enabled; Tested by scan
0
1
ms
E.063
tVCANSUPlow
Filter time needed to
display CANSUPlow
flag
Tested by SCAN
5
µs
E.111
1. TBit(RXD) for the highest supported data rate has to be specified (1 Mb/s, 2 Mb/s or 5 Mb/s).
2. At the expiration of this filter time a flag is set.
3. Time starts with the end of last dominant phase of the WUP.
Table 49. CAN receiver input resistance
Symbol
Parameter
Condition
Min Typ Max Unit Item
ILeakage,
CANH,105
Input leakage current
CANH
Unpowered device; VCANH=5 V; VCANL=5 V;
VSREG < VPOR_F (1);
VSREG, VCANSUP (2) connected via 0Ω to GND
VSREG, VCANSUP (2) connected via 47 kΩ to GND
Tj-= -40 to 105 °C
-10
10
µA
E.064
ILeakage,
CANH,130
Unpowered device; VCANH=5 V; VCANL=5 V;
VSREG < VPOR_F (1);
VSREG, VCANSUP(2) connected via 0 Ω to GND
VSREG, VCANSUP (2)
Tj-= 130 °C
-12
12
µA
E.065
ILeakage,
CANL,105
Input leakage current
CANL
Unpowered device;
VCANH=5 V; VCANL=5 V;
VSREG < VPOR_F(1);
VSREG, VCANSUP (3)connected via 0 Ω to GND
VSREG, VCANSUP (4)
Tj-= -40 to 105 °C
-10
10
µA
E.066
ILeakage,
CANL,130
Unpowered device;
VCANH=5 V; VCANL=5 V;
VSREG < VPOR_F (1);
VSREG, VCANSUP(3) connected via 0 Ω to GND
VSREG, VCANSUP connected via 47 kΩ to GND (4)
Tj-= 130 °C
-12
12
µA
E.067
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 71/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com