Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 92Page - STMicroelectronics SPSB0815 Datasheet HTML 93Page - STMicroelectronics SPSB0815 Datasheet HTML 94Page - STMicroelectronics SPSB0815 Datasheet HTML 95Page - STMicroelectronics SPSB0815 Datasheet HTML 96Page - STMicroelectronics SPSB0815 Datasheet HTML 97Page - STMicroelectronics SPSB0815 Datasheet HTML 98Page - STMicroelectronics SPSB0815 Datasheet HTML 99Page - STMicroelectronics SPSB0815 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 135 page
background image
Bit
Name
Description
1 TSW2
Writing to WD_TIME is blocked unless WD CONFIG EN = 1.
The modified WD Trigger Time is valid only after the next trig event. Before it, old TSW value is kept.
3
V2_TKR
Voltage Regulator V2 configurable as a linear independent LDO or a tracker of the V1 Voltage Regulator
0 Linear independent LDO (default)
1 Tracker of the V1 voltage regulator
2
V2_RAIL
Voltage Regulator V2 rail configuration
0 V2 = 3.3V (default)
1 V2 = 5V
1
STBY SEL
Following are the valid settings:
1 1 : go to V1 standby
1 0 : No transition to standby
0 1 : Go to VBAT_standby
0 0 : No transition to standby (default)
0
GO STBY
1. When the configuration of a timer is changed, the timer is automatically restarted using the new
configuration.
Table 75. Control register CR3 (0x03)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
1 (R/W)
0 (R)
1 (R/W)
0 (R)
0 (R)
SPSB081
Control registers
DS14048 - Rev 1
page 96/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com