Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 59Page - STMicroelectronics SPSB0815 Datasheet HTML 60Page - STMicroelectronics SPSB0815 Datasheet HTML 61Page - STMicroelectronics SPSB0815 Datasheet HTML 62Page - STMicroelectronics SPSB0815 Datasheet HTML 63Page - STMicroelectronics SPSB0815 Datasheet HTML 64Page - STMicroelectronics SPSB0815 Datasheet HTML 65Page - STMicroelectronics SPSB0815 Datasheet HTML 66Page - STMicroelectronics SPSB0815 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
|ICCM3|
Constant
current mode
value for
OUT3 (high
on resistance
mode)
VS = 13.5 V;
OUT3_CCM_EN =
1
100
145
200
mA
D.026
|ICCM4|
Constant
current mode
value for
OUT4 (high
on resistance
mode)
VS = 13.5 V;
OUT4_CCM_EN =
1
100
145
200
mA
D.027
tCCMtimeout
Constant
current mode
expiration
time;
OUTx_CCM_EN =
1 (x= 1 to 4);
tested by scan
-
20
-
ms
D.013
tBLK
Blanking
time of over-
current
signal in high
sides
Tested by scan
33
40
56
µs
D.015
tOCR00
TON time of
over-current
signal
(including
blanking time
tBLK)
xx_OCR_TON[0,1]
= 00; tested by
scan
76
88
116
µs
D.016
tOCR01
xx_OCR_TON[0,1]
= 01; tested by
scan
70
80
106
µs
D.017
tOCR10
xx_OCR_TON[0,1]
= 10; tested by
scan
64
72
96
µs
D.018
tOCR11
xx_OCR_
TON[0,1] = 11;
tested by scan
57
64
87
µs
D.019
|IOLD1|(1)
under-
current
threshold
HS1
VS/VSREG = 13.5
V,
source
0.2
0.65
1.5
mA
D.020
|IOLD2|(1)
under-
current
threshold
HS2
VS/VSREG = 13.5
V,
source
0.2
0.65
1.5
mA
D.028
|IOLD3|(1)
under-
current
threshold
HS3
VS/VSREG = 13.5
V,
source
0.2
0.65
1.5
mA
D.029
|IOLD4|(1)
under-
current
threshold
HS4
VS/VSREG = 13.5
V,
source
0.2
0.65
1.5
mA
D.030
tFOL
filter time of
open-load
signal
Duration of open-
load condition to
set the status bit;
tested by scan
155
200
270
µs
D.021
1. IOLD parameters, in the range 8 V to 16 V, are guaranteed by design and characterization. Production Testing is done at
13.5 V.
SPSB081
Output current threshold
DS14048 - Rev 1
page 63/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com