Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 30Page - STMicroelectronics SPSB0815 Datasheet HTML 31Page - STMicroelectronics SPSB0815 Datasheet HTML 32Page - STMicroelectronics SPSB0815 Datasheet HTML 33Page - STMicroelectronics SPSB0815 Datasheet HTML 34Page - STMicroelectronics SPSB0815 Datasheet HTML 35Page - STMicroelectronics SPSB0815 Datasheet HTML 36Page - STMicroelectronics SPSB0815 Datasheet HTML 37Page - STMicroelectronics SPSB0815 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 135 page
background image
•
The overvoltage bit VS_OV (SR2) is set and can be cleared with a ‘Read&Clear’ command. The overvoltage
bit is reset automatically if VS_LOCK_EN (CR3) = 0 and the overvoltage condition has recovered.
Vs undervoltage
If the supply voltage Vs drops below the under voltage threshold voltage (VSUV):
•
LIN remains enabled
•
CAN remains enabled
Note:
The functionality is not guaranteed in the range VPOR < VSREG < VSREGUV
•
OUT1, OUT2, OUT3, and OUT4 are turned off (default). The shutdown of outputs may be disabled by SPI
(VS_UV_SD_EN (CR3) =0)
•
Recovery of outputs after under-voltage condition is configurable by SPI:
–
VS_LOCK_EN (CR3)= 1: Outputs are off until Read&Clear VS_UV (SR2)
–
VS_LOCK_EN (CR3)= 0: Outputs turned on automatically after Vs undervoltage condition has
recovered.
•
The undervoltage bit (VSUV) is set and can be cleared with a ‘read and clear’ command. The undervoltage
bit is removed automatically if VS_ LOCK_EN = 0 and the undervoltage condition has recovered.
3.13.2
Vsreg supply failure
Vsreg overvoltage
If the supply voltages Vsreg reaches the overvoltage threshold VSREGOV:
•
LIN is switched to high impedance (RX is still on)
•
CAN remains enabled
•
The over voltage bit VSREG_OV (SR2) is set and can be cleared with a ‘Read&Clear’ command. The
overvoltage bit is reset automatically if VSREG_ LOCK_EN (CR3) = 0 and the overvoltage condition has
recovered.
Vsreg undervoltage
If the supply voltage Vsreg drops below the under voltage threshold voltage (VSREG_UV):
•
LIN is switched to high impedance (RX is still on).
Note:
The functionality is not guaranteed in the range VPOR < VSREG < VSREGUV
•
CAN remains enabled
•
The undervoltage bit (VSREG_UV (SR2) is set and can be cleared with a ‘Read&Clear’ command. The
undervoltage bit is removed automatically if VSREG_LOCK_EN (CR3) = 0 and the undervoltage condition
has recovered.
SPSB081
Power supply fail
DS14048 - Rev 1
page 34/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com