Electronic Components Datasheet Search
  English  ▼

X  

SPSB0815 Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPSB0815
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 99Page - STMicroelectronics SPSB0815 Datasheet HTML 100Page - STMicroelectronics SPSB0815 Datasheet HTML 101Page - STMicroelectronics SPSB0815 Datasheet HTML 102Page - STMicroelectronics SPSB0815 Datasheet HTML 103Page - STMicroelectronics SPSB0815 Datasheet HTML 104Page - STMicroelectronics SPSB0815 Datasheet HTML 105Page - STMicroelectronics SPSB0815 Datasheet HTML 106Page - STMicroelectronics SPSB0815 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 135 page
background image
Bit
Name
Description
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
PWM4
_FREQ
Select PWM4 frequency
0 fPWM1 =125 Hz (default)
1 fPWM2 =250 Hz
2
PWM3
_FREQ
Select PWM3 frequency
0 fPWM1 =125 Hz (default)
1 fPWM2 =250 Hz
1
PWM2
_FREQ
Select PWM2 frequency
0 fPWM1 =125 Hz (default)
1 fPWM2 =250 Hz
0
PWM1
_FREQ
Select PWM1 frequency
0 fPWM1 =125 Hz (default)
1 fPWM2 =250 Hz
Table 89. Control register CR10 (0x0A)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
0 (R/W)
0 (R)
0 (R/W)
Table 90. CR10 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
PWM1 DC_9
Binary coded on-dutycycle of PWM channel PWMx
PWM1_DC_9,8...,0 duty cycle:
SPSB081
Control registers
DS14048 - Rev 1
page 103/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com