Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3303 Datasheet HTML 1Page - Diodes Incorporated AP3303 Datasheet HTML 2Page - Diodes Incorporated AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
5 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Electrical Characteristics (@TA = -40 to +85°C, VCC = 18V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage (VCC Pin)
IST
Startup Current
—
—
1
15
μA
ICC
Operating Supply Current
VFB = 4V, CL = 0nF
(Note 7)
1.2
1.6
2.2
mA
ICC-FAULT
Operating Current when Fault Occurs
VFB = 4V, VSENSE = 0V
(Note 7)
0.25
0.4
0.55
VST
Startup Voltage
—
14.3
15.8
16.3
V
VM
VCC Maintain Voltage
—
—
7.3
—
V
VUVLO
Shutdown Voltage
—
6.1
6.7
7.1
V
VCC-OVP
VCC OVP Voltage
—
32
33
34
V
PWM Section/Oscillator Section
fOSC-MAX
Maximum Clamp Frequency
(Note 7)
—
120
—
kHz
fOSC-MIN
Minimum Clamp Frequency
(Note 7)
20
24
28
kHz
fOSC-JITTER
Valley Blanking Time Dithering
(Note 7)
—
±12
—
%
tDITHER
Frequency Dithering Period
—
—
4
—
ms
Current Sense Section (SENSE Pin)
VSENSE-MAX
Current Limit Threshold
IDEM_SOURCE = 200µA
0.89
0.96
1.04
V
VTH-FOCP
FOCP Voltage
—
—
1.25
—
V
tDELAY-FOCP
FOCP Debounce Time (Note 8)
—
—
7
—
Cycles
tLEB
Leading Edge Blanking Time
—
150
250
350
ns
VTH-SSCP
SSCP Voltage
—
—
100
—
mV
tSOFT-ST
Soft-Start Time
—
3
4
8
ms
tDELAY-SENSE
Sense Propagation Delay (Note 9)
—
—
100
—
ns
Feedback Input Section (FB Pin)
KFB-SENSE
The Ratio of Input Voltage to Current
Sense Voltage (Note 9)
—
—
4
—
V/V
RFB
Input Impedance
—
20
30
40
kΩ
IFB-SOURCE
Source Current
VFB = 0V
0.1
0.2
0.3
mA
GQR
QR Mode Frequency Modulation Slope
Versus VFB (Note 9)
—
—
94
—
kHz/V
VBURST
Threshold for Entering Burst Mode
VDEM < 0.75V
—
0.66
—
V
0.75V <
VDEM < 1.45V
—
0.8
—
V
VDEM > 1.45V
—
0.933
—
V
tON-MAX
Maximum on Time
(Note 7)
16
18.5
21
μs
tDELAY-OLP
Delay of Over Load Protection (Note 9)
—
—
70
—
ms
VFB-OLP
Over Load Protection (Note 9)
—
—
4.2
—
V
Notes:
7. Data measured in IC test mode.
8. Cycle-by-Cycle limit delay time contains OCP comparator delay time and driver delay time, Guaranteed by design.
9. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com