Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3303 Datasheet HTML 2Page - Diodes Incorporated AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated AP3303 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
6 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Electrical Characteristics (@TA = -40 to +85°C, VCC = 18V, unless otherwise specified.) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Output Section (GATE Pin)
VGATE-L
Output Low Level (Note 9)
IO = 20mA, VCC = 12V
—
—
1
V
VGATE-H
Output High Level (Note 9)
IO = 20mA, VCC = 12V
7
—
—
V
VGATE-CLP
Output Clamping Voltage
—
7.6
—
9.6
V
tGATE-RISE
Rising Time (Note 9)
CL = 1nF, VCC = 13V
—
150
300
ns
tGATE-FALL
Falling Time (Note 9)
CL = 1nF, VCC = 13V
—
50
100
ns
Demagnetization Section (DEM Pin)
VTH-DEM
De-Magnetization Voltage (Note 9)
—
—
50
—
mV
VCLP-L
Low Level for Clamping Voltage
IDEM = 200µA (Source
Current)
-50
-5
—
mV
VCLP-H
High Level for Clamping Voltage
IDEM = -1mA (Sink Current)
—
6
—
V
VTH-SOVP-L
SOVP Threshold for Startup
—
1.0
1.1
1.2
V
VTH-SOVP-H
SOVP Threshold for Steady State
—
2.5
2.6
2.7
V
tDEB-SOVP
SOVP Debounce Time
—
—
7
—
Cycle
VTH-SUVP-L
SUVP Threshold for Hiccup
—
—
0.475
—
V
tDEB-SUVP
SUVP Debounce Time
—
—
7
—
Cycle
tBLANK-SUVP
SUVP Blank Time after Startup
—
15
20
25
ms
tSAMPLE
Sample Delay Time (Note 9)
—
—
2
—
µs
LDO Section ( VCC_IN Pin/VCC Pin )
VCC
LDO Regulated Voltage
(Power Supply Voltage)
VCC Open, VCC_IN = 10V
9.0
9.8
10
V
VCC Open, VCC_IN = 40V
14
15
16
V
ILDO
Operating Current
VCC = 12V, VCC_IN = 40V
6
8
11
mA
HV Section (HV Pin)
ICHARGE-L
Charge Current
VCC = 0V, VHV = 100V
—
0.23
—
mA
ICHARGE-H
VCC = 6V, VHV = 100V
—
2
—
mA
ICHARGE-FAULT
Charge Current if Fault Occurs
VCC = 6V, VHV = 100V
—
100
—
µA
VBR-IN
Brown In Voltage
—
100
105
110
V
VBR-OUT
Brown Out Voltage
—
92
97
102
V
tBR-IN
Delay of Brown In (Note 9)
—
—
100
—
µs
tBR-OUT
Delay of Brown Out (Note 9)
—
—
50
—
ms
VLOVP
Line OVP (Note 9)
—
—
630
—
V
VHV
HV Pin Input Voltage (Note 10)
—
—
—
700
V
Notes:
9. Guaranteed by design.
10. The drain-source voltage is 80% of VDS in the aging condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com