Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3303 Datasheet HTML 1Page - Diodes Incorporated AP3303 Datasheet HTML 2Page - Diodes Incorporated AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
3 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Functional Block Diagram
250ns LEB
Soft
Driver
12V
Timer
Jitter
7.3V
7.7V
VCC_OVP
OLP
35V
33V
VCC_OVP
UVLO
15.8V
6.7V
Internal
Bias
Auto
Recovery
Protection
AP3303
R
3R
PWM
BMRef
CTRL_H
Latch-off
Protection
FOCP
CTRL_L
Hold
SOVP
SSCP
SS
VDD
Vo
Sense
1.25V
FOCP
0.1V
Q
D
CLK RB
DFF
3.8ms
Delay
SSCP
OTP
VCC
VDD
OTP
0.475V
2.6V
SOVP
SUVP
50mV
Line
sense
Valley
LOVP
Brownout
6.0V
SUVP
15V
VCC
UVLO
630VDC
LOVP
BNO
Brownout
LOVP
CC
105VDC
96VDC
Hold
Hold
CPRef
CPRef
DEM
FOCP
4.2V
70ms
Debounce
OLP
100mA
4.5V
1.0V
10K
CTRL_H
CTRL_L
VDD
3V
1V
Line
Comp
Line
Line
BMRef
Jitter
With Jitter
SS
Valley
GND
GATE
SENSE
VCC
FB
DEM
VCC_IN
HV
CTRL
2
7
4
9
6
1
3
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com