Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3303 Datasheet HTML 1Page - Diodes Incorporated AP3303 Datasheet HTML 2Page - Diodes Incorporated AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
1 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
QUASI-RESONANT PWM CONTROLLER
Description
The AP3303 is a peak-current control, Quasi-Resonant (QR) PWM
controller which is specially designed for offline power supply that
requires
ultra-low
standby
power,
high-power
density
and
comprehensive protection. It can coordinate with secondary side
USBPD or quick charger controller which can provide a flyback
charger solution.
At no load or light load, the IC will enter the burst mode to minimize
standby power consumption. The minimum switching frequency
(typical: 24kHz) is set to avoid the audible noise. When the load
increases, the IC will enter QR mode with frequency foldback to
improve system efficiency and EMI performance. The maximum
switching frequency (typical: 120kHz) is set to clamp the QR
frequency to reduce switching power loss. Furthermore, the frequency
dithering function is built in to reduce EMI emission.
The AP3303 provides an inner high-voltage start-up function through
HV pin which can reduce the standby loss. Moreover, The AP3303
integrates a VCC LDO circuitry, allowing the LDO to regulate the wide
range VCC_IN to an acceptable value. This makes the AP3303 to be a
good choice in wide range output voltage application.
Internal piecewise linear line compensation ensures constant output
power limit over entire universal line voltage range.
Comprehensive protection features are included, such as brown out
protection, cycle-by-cycle current limit, VCC Over Voltage Protection
(VOVP), Secondary-side Output OVP (SOVP) and UVP (SUVP),
internal OTP, Over Load Protection (OLP) and pins’ fault protection.
Combined with Diodes Incorporated’s synchronous controller
APR347, the AP3303 system can achieve the higher power
conversion efficiency and the better thermal performance.
Features
Quasi-Resonant Operation under all Line and Load Condition
Non-Audible-Noise Quasi-Resonant Control
High-Voltage Startup
Embedded VCC LDO to Guarantee Wide Range VCC_IN Voltage
Low VCC Charge Current Reduces Standby Power in Output
Short Situation
Adaptive Burst Mode Operation with Output Voltage
Adaptive Output Power Limit with Output Voltage
Soft Start during Startup Process
Frequency Fold Back for High Average Efficiency
Constant Over Current Protection
Secondary Winding Short Protection with FOCP
Frequency Dithering for Reducing EMI
VCC Maintain Mode
Useful Pin Fault Protection:
SENSE Pin Floating
FB/Opto-Coupler Open/Short
Comprehensive System Protection Feature:
Programmable External OTP
Over Load Protection (OLP)
Brown In/Out Protection
Secondary-Side OVP (SOVP) and UVP (SUVP)
SSOP-9 (Type CJ) is Available
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SSOP-9 (Type CJ)
Applications
Switching AC-DC Adapter/Charger
ATX/BTX Auxiliary Power
Set-Top Box (STB) Power Supply
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-fre
e "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3303

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3303H A-POWER-AP3303H Datasheet
71Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3303J A-POWER-AP3303J Datasheet
71Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3303

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com