Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated AP3303 Datasheet HTML 10Page - Diodes Incorporated AP3303 Datasheet HTML 11Page - Diodes Incorporated AP3303 Datasheet HTML 12Page - Diodes Incorporated AP3303 Datasheet HTML 13Page - Diodes Incorporated AP3303 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
10 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Operation Description (continued)
Figure 2
Active Frequency Dithering
To improve the EMI performance, the AP3303 integrates an active frequency dithering function. A consecutive frequency-dithering signal is
injected to the SENSE pin after Leading-Edge Blanking (LEB) time. As shown in Figure 3, the frequency-dithering signal is repeating over and
over again with a period of
ms and amplitude of +/-VS_JITTER. With the injection of frequency-dithering signal on SENSE pin, the switching
frequency will have a periodical excursion to improve the EMI performance.
SENSE
LEB
From FB
0
Jitter
PWM
Comparator
Figure 3
Current Mode PWM Control
The AP3303 operates as a current mode controller; the output switch is turned on by every oscillator cycle and turned off when the primary peak
current reaches the threshold level established by the FB pin. The primary current signal is converted to a voltage signal on current sense
resistor RS. The relation between primary peak current (IPK) and VFB is:
S
FB
PK
R
V
I
4
/
20kHz
120kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com