Electronic Components Datasheet Search
  English  ▼

X  

AP3303 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated AP3303 Datasheet HTML 10Page - Diodes Incorporated AP3303 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
7 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Electrical Characteristics (@TA = -40 to +85°C, VCC = 18V, unless otherwise specified.) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Protection Section (CTRL Pin)
ICTRL-SOURCE
Source Current
-110
-100
-90
μA
VTH-CTRL-L
Low Threshold
0.97
1
1.03
V
tCTRL-BLANK
Blank Time when VCTRL is
Low
20
ms
VTH-CTRL-H
High Threshold
2.9
3
3.1
V
VCTRL-CLP
Clamp Voltage (Note 11)
ICTRL= -2mA
4.5
V
tDELAY-HICC
Delay of Hiccup Protection
(Note 9)
SUVP, SOVP, Line OVP,
VCC OVP, FOCP, SSCP,
CTRL Pin Protection
7
Cycles
Internal OTP Section
OTP
OTP Threshold (Note 9)
+150
°C
THYS
OTP Recovery Hysteresis
(Note 9)
+125
°C
tDEB-OTP
OTP Debounce Time
7
Cycle
Notes:
9. Guaranteed by design.
11. The sourcing current of CTRL pin must be limited below 5mA. Otherwise it may cause permanent damage to the device.
Performance Characteristics
Startup Voltage vs. Ambient Temperature
VUVLO vs. Ambient Temperature
VTH-SUVP-L vs. Ambient Temperature
FB Pin Input Impedance vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
5
6
7
8
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
12
13
14
15
16
17
18
19
20
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com