Electronic Components Datasheet Search
  English  ▼

X  

AP65455 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 5Page - Diodes Incorporated AP65455 Datasheet HTML 6Page - Diodes Incorporated AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
9 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Application Information
EN
FB
VREG5
SS
EP
PGND
SW
VIN
BS
8.25K
Ω
22.1K
Ω
1.5µH
EN
VOUT
VIN
VOUT
AP65455
1
2
3
4
11
6, 7
8
9, 10
8.2nF
1µF
10µF
22µF
0.1µF
R3
R1
C4
C6
L1
C1
10µF
C2
C8
22µF
C5
C9
C10
100K
Ω
R4
PG
100K
Ω
5
VIN
R2
JP1
Figure 3 Typical Application of AP65455 evaluation board
PWM Operation and Adaptive On-time Control
The AP65251 is a synchronous step-down converter with internal power MOSFETs. Adaptive constant on time (aCOT) control is employed to
provide fast transient response and easy loop stabilization. At the beginning of each cycle, the high-side MOSFET is turned on for a fixed one shot
timer, ON-time period. This one shot is calculated by the converter
’s input voltage (VIN) and the output voltage (VOUT) cycle-by-cycle based to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The high-side MOSFET turned off after
the fixed on time expire and turn on the low-side MOSFET. Once the output voltage dropped below the output regulation, the low-side turned off.
The one-shot timer then reset and the high-side MOSFET is turned on again.
AP65455 uses an adaptive on-time control scheme and does not have a dedicated in board oscillator. It runs with a pseudo-constant frequency of
650kHz by using the input voltage and output voltage to set the on-time one-shot timer. The on-time is inversely proportional to the input voltage
and proportional to the output voltage. It can be calculated using the following equation:
S
f
V
IN
OUT
ON
V
T
VOUT is the output voltage
VIN is the input voltage
fS is the switching frequency
After an ON-time period, the AP65455 goes into the OFF-time period. The OFF-time period length depends on VFB in most case. It will end when
the FB voltage decreases below 0.76V, then the ON-time period is triggered. If the OFF-time period is less than the minimum OFF time, the
minimum OFF time will be applied, which is about 260ns typical.
Power Save Mode
The AP65455 is designed with Power Save Mode (PSM) at light load conditions for high efficiency. The AP65455 automatically reduces the
switching frequency and changes the Ton time to Tmin-on time during a light load condition to get high efficiency and low output ripple. As the
output current decreases form heavy load condition, the inductor current decreases as well, eventually its valley comes close to zero current,
which is the boundary between CCM and DCM. The low side MOSFET is turned off when the inductor current reaches zero level. The load is
provided only by output capacitor, when FB voltage is lower than 0.76V, the next ON cycle begins. The on-time is the minimum on time that
benefits for decreasing VOUT ripple at light load condition. When the output current increases from light to heavy load the switching frequency
increases to keep output voltage. The transition point to light load operation can be calculated using the following equation:
ON
T
V
2L
OUT
IN
V
LOAD
I
TON is on-time
Enable
Above the ‘EN high-level input voltage’, the internal regulator is turned on and the quiescent current can be measured above this threshold. The
enable (EN) input allows the user to control turning on or off the regulator. To enable the AP65455, EN must be pulled above
the ‘EN high-level
input voltage
.’ To disable the AP65455, EN must be pulled below ‘EN low-level input voltage.’
In Figure 3, EN is a high voltage input that can be safely connected to VIN (up to 18V) directly or through a 100K
Ω pull-up to VIN for automatic
start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com