Electronic Components Datasheet Search
  English  ▼

X  

AP65455 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated AP65455 Datasheet HTML 14Page - Diodes Incorporated AP65455 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
11 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Application Information (Cont.)
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
S
L
IN
OUT
IN
OUT
f
ΔI
V
)
V
(V
V
L
Where
L
ΔI is the inductor ripple current and f
S is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the maximum load current. The maximum inductor peak current is calculated from:
2
ΔI
I
I
L
LOAD
L(MAX)
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal MOSFETs. Hence choosing an inductor with appropriate
saturation current rating is important.
A 1µH to 3.3µH inductor with a DC current rating of at least 25% percent higher than the maximum load current is recommended for most
applications. For highest efficiency, the inductor’s DC resistance should be less than 100mΩ. Use a larger inductance for improved efficiency
under light load conditions.
The phase boost can be achieved by adding an additional feed forward capacitor (C10) in parallel with R1.
Output Voltage (V)
C10 (pF)
L1 (µH)
C8+C9 (µF)
1
—
1.0-1.5
22-68
1.05
—
1.0-1.5
22-68
1.2
—
1.0-1.5
22-68
1.5
—
1.5
22-68
1.8
5-22
1.5
22-68
2.5
5-22
2.2
22-68
3.3
5-22
2.2
22-68
5
5-22
3.3
22-68
Table 2 Recommended Component Selection
Input Capacitor
The input capacitor reduces the surge current drawn from the input supply and the switching noise from the device. The input capacitor has to
sustain the ripple current produced during the on time on the upper MOSFET. It must have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical parameter that must be higher than the RMS input current. As a rule of thumb, select an
input capacitor which has RMs rating greater than half of the maximum load current.
Due to large dI/dt through the input capacitors, electrolytic or ceramics should be used. If a tantalum must be used it must be surge protected,
otherwise, capacitor failure could occur. For most applications greater than 10µF, ceramic capacitor is sufficient.
FB
R1
R3
VOUT
Figure 5 Feedback Divider Network
Output Voltage (V)
R1 (kΩ)
R3
(kΩ)
1
6.81
22.1
1.05
8.25
22.1
1.2
12.7
22.1
1.5
21.5
22.1
1.8
30.1
22.1
2.5
49.9
22.1
3.3
73.2
22.1
5
124
22.1
Table 1 Resistor Selection for Common Output
Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com