Electronic Components Datasheet Search
  English  ▼

X  

AP65455 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated AP65455 Datasheet HTML 14Page - Diodes Incorporated AP65455 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
12 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Application Information (Cont.)
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability and reduces the overshoot of the output voltage. The
output capacitor is a basic component for the fast response of the power supply. In fact, during load transient, for the first few microseconds it
supplies the current to the load. The converter recognizes the load transient and sets the duty cycle to maximum, but the current slope is limited
by the inductor value.
Maximum capacitance required can be calculated from the following equation:
ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated from the equation below:
ESR
*
ΔI
V
INDUCTOR
OUT_RIPPLE 
An output capacitor with ample capacitance and low ESR is the best option. For most applications, a 22µF to 68µF ceramic capacitor will be
sufficient.
2
OUT
2
OUT
2
INDUCTOR
OUT
O
V
)
V
V
(
Δ
)
2
ΔI
L(I
C
Where
ΔV is the maximum output voltage overshoot.
Bootstrap Capacitor
To ensure the proper operation, a ceramic capacitor must be connected between the VBST and SW pin. A 0.1µF ceramic capacitor is sufficient.
External Bootstrap Diode
It is recommended to add an external bootstrap diode between an external 5V and the BST pin for efficiency improvement when input voltage is
lower than 5.5V. The bootstrap diode can be a low cost one such as 1N4148 or BAT54. The external 5V can be a 5V fixed input from system or a
5V output of the AP65453. Note that the external bootstrap voltage must be lower than 5.5V.
Figure 6 External Bootstrap Diode
VREG5 Capacitor
To ensure the proper operation, a ceramic capacitor must be connected between the VREG5 and PGND pin. A 1µF ceramic capacitor is sufficient.
PC Board Layout
1.
The AP65455 works at 4A load current, heat dissipation is a major concern in layout the PCB. A 2oz Copper in both top and bottom
layer is recommended.
2.
Provide sufficient vias in the thermal exposed pad for heat dissipate to the bottom layer.
3.
Provide sufficient vias in the Output capacitor PGND side to dissipate heat to the bottom layer.
4.
Make the bottom layer under the device as PGND layer for heat dissipation. The PGND layer should be as large as possible to provide
better thermal effect.
5.
Make the VIN capacitors as close to the device as possible.
6.
Make the VREG5 capacitor as close to the device as possible.
7.
The thermal pad of the device should be soldered directly to the PCB exposed copper plane to work as a heatsink. The thermal vias in
the exposed copper plane increase the heat transfer to the bottom layer.
Figure 7 PC Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com