Electronic Components Datasheet Search
  English  ▼

X  

AP65455 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 6Page - Diodes Incorporated AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated AP65455 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
10 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Application Information (Cont.)
Soft-Start
The soft-start time of the AP65355 is programmable by selecting different CSS values. When the EN pin becomes high, the CSS is charged by a
current source, generating a ramp signal fed into non-inverting input of the error comparator. Reference voltage VREF, or the internal soft-start
voltage SS, (whichever is smaller), dominates the behavior of the non-inverting inputs of the error amplifier. Accordingly, the output voltage will
follow the SS signal and ramp up smoothly to its target level. The capacitor value required for a given soft-start ramp time can be expressed as:
SS
C
3
SS
10
63
t
Where CSS is the required capacitor between SS pin and PGND and tSS is the desired soft-start time.
Over-Current Protection (OCP)
Figure 4 shows the over current protection (OCP) scheme of AP65355. In each switching cycle, the inductor current is sensed by monitoring the
low-side MOSFET during the OFF period. When the voltage between PGND pin and SW pin is lower than the over current trip level, VLIMIT, the
OCP will be triggered and the controller keeps the OFF state. A new switching cycle will begin when the measured voltage is higher than limit
voltage. After 6µs, the internal OCL (Over-Current Logic) threshold is set to a lower level and SS pin is discharged such that output is 0V. Then
the switching action is blanked out for one tSS before soft start re-initiated and OCP threshold is restored to higher value.
Because the RDS(ON) of MOSFET increases with temperature, VLIMIT has 4ppm/°C temperature coefficient to compensate this temperature
dependency of RDS(ON).
OC
COMPARATOR
VLIMIT
Q1
Q2
S
Q
R
Figure 4 Over-Current Protection Scheme
Under-Voltage Lockout
Under-voltage lockout is implemented to prevent the IC from insufficient input voltages. The AP65455 has a UVLO comparator that monitors the
input voltage and the internal bandgap reference. If the input voltage falls below 3.45V, the AP65455 will disable. In this event, both high-side and
low-side MOSFETs are turned off.
PG Comparator
PG is an open drain output controlled by a comparator connected to the feedback signal. If FB exceeds 90% of the internal reference voltage, PG
will be high impedance. Otherwise, the PG output is connected to PGND.
Thermal Shutdown
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP65455 shuts itself off, and both HMOS and LMOS
will be turned off. The output is discharged with the internal transistor. When the junction cools to the required level (+130°C nominal), the device
initiates soft-start as during a normal power-up cycle.
Power Derating Characteristics
To prevent the regulator from exceeding the maximum junction temperature, some thermal analysis is required. The temperature rise is given by:
 
JA
PD
RISE
T
Where PD is the power dissipated by the regulator and
JA is the thermal resistance from the junction of the die to the ambient temperature. The
junction temperature, TJ, is given by:
RISE
A
T
T 
J
T
TA is the ambient temperature of the environment. The actual junction temperature should not exceed the absolute maximum junction temperature
of 125
C when considering the thermal design.
Setting the Output Voltage
The output voltage can be adjusted from 0.76 to 6V using an external resistor divider. Table 1 shows a list of resistor selection for common output
voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output voltage accuracy. For high values of R1 there is less
current consumption in the feedback network. However the tradeoff is output voltage accuracy due to the bias current in the error amplifier. R1 can
be determined by the following equation:
1
0.765
V
R
R
OUT
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com