Electronic Components Datasheet Search
  English  ▼

X  

AP65455 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated AP65455 Datasheet HTML 14Page - Diodes Incorporated AP65455 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
14 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-10
U-DFN3030-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
2.90
3.10
3.00
D2
2.30
2.50
2.40
e
-
-
0.50
E
2.90
3.10
3.00
E2
1.50
1.70
1.60
L
0.25
0.55
0.40
z
-
-
0.375
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-10
Dimensions Value (in mm)
Z
2.60
G
0.15
X
1.80
X1
0.60
Y
0.30
C
0.50
SEATING PLANE
A3
A
A1
Pin#1 ID
L
E E2
D
D2
b
e
z
C
Y
Z
X
X1
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com