Electronic Components Datasheet Search
  English  ▼

X  

AP65552 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP65552
Description  5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65552 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP65552 Datasheet HTML 1Page - Diodes Incorporated AP65552 Datasheet HTML 2Page - Diodes Incorporated AP65552 Datasheet HTML 3Page - Diodes Incorporated AP65552 Datasheet HTML 4Page - Diodes Incorporated AP65552 Datasheet HTML 5Page - Diodes Incorporated AP65552 Datasheet HTML 6Page - Diodes Incorporated AP65552 Datasheet HTML 7Page - Diodes Incorporated AP65552 Datasheet HTML 8Page - Diodes Incorporated AP65552 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP65552
Document number: DS37306 Rev. 4 - 4
4 of 13
www.diodes.com
October 2018
© Diodes Incorporated
AP65552
PART OBSOLETE
– NO ALTERNATE PART
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VIN PIN)
Input Voltage
VIN
—
4.5
—
18
V
Quiescent Current
IQ
VFB = 0.85V
—
0.9
—
mA
Shutdown Supply Current
ISHDN
VEN = 0V
—
3.6
10
μA
UNDERVOLTAGE LOCKOUT
UVLO Threshold
VUVLO
VIN Rising Test VREG5 Voltage
3.45
3.75
4.05
V
UVLO Hysteresis
VHYS
VIN Falling Test VREG5 Voltage
0.19
0.32
0.45
V
ENABLE (EN PIN)
EN High-Level Input Voltage
VENH
—
1.9
—
—
V
EN Low-Level Input Voltage
VENL
—
—
—
0.6
V
VOLTAGE REFERENCE (FB PIN)
Feedback Voltage
VFB
VOUT = 1.05V
0.753
0.765
0.777
V
Feedback Bias Current
IFB
VFB = 0.8V
-0.1
0
0.1
μA
VREG5 OUTPUT
VREG5 Output Voltage
VVREG5
6.0V<VIN<18V 0<IVREG5<5mA
4.7
5.1
5.5
V
Source Current Capability
—
VIN = 6V, VVREG5 = 4V
—
110
—
mA
Load Regulation
—
0<IVREG5<5mA
—
—
60
mV
Line Regulation
—
6.0V<VIN<18V IVREG5 = 5mA
—
—
20
mV
MOSFET
High-side Switch On-Resistance
RDSONH
—
—
0.065
—
Ω
Low-side Switch On-Resistance
RDSONL
—
—
0.036
—
Ω
CURRENT LIMIT
High Level Current Limit
ILIM-H
L=1.5μH
5.6
6.4
7.9
A
ON-TIME TIMER
On Time
tON
VIN=12V, VOUT=1.05V
—
150
—
ns
Minimum Off Time
tOFF-MIN
VFB=0.7V
—
260
310
ns
THERMAL SHUTDOWN
Thermal Shutdown
TOTSD
—
—
+160
—
°C
Thermal Shutdown Hysteresis
THYS
—
—
+30
—
°C
SOFT START (SS PIN)
Soft-Start Source Current
ISS-SOURCE
VSS = 1.2V
4.2
6.0
7.8
μA
Soft-Start Discharge Current
ISS-DISCHARGE
VSS =0.5V
0.1
0.2
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com