Electronic Components Datasheet Search
  English  ▼

X  

AP65552 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP65552
Description  5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65552 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP65552 Datasheet HTML 3Page - Diodes Incorporated AP65552 Datasheet HTML 4Page - Diodes Incorporated AP65552 Datasheet HTML 5Page - Diodes Incorporated AP65552 Datasheet HTML 6Page - Diodes Incorporated AP65552 Datasheet HTML 7Page - Diodes Incorporated AP65552 Datasheet HTML 8Page - Diodes Incorporated AP65552 Datasheet HTML 9Page - Diodes Incorporated AP65552 Datasheet HTML 10Page - Diodes Incorporated AP65552 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP65552
Document number: DS37306 Rev. 4 - 4
7 of 13
www.diodes.com
October 2018
© Diodes Incorporated
AP65552
PART OBSOLETE
– NO ALTERNATE PART
Typical Performance Characteristics (Cont.)
(@TA = +25°C, VIN = 12V, VOUT = 1.05V, L = 1.5µH, C1 = 20µF, C2 = 44µF, unless otherwise specified.)
Steady State Test 5A
Time-1µs/div
Startup Through VIN No Load
Time-500µs/div
Startup Through VIN 5A Load
Time-500µs/div
Startup with VREG5 No Load
Time-1ms/div
Shutdown Through VIN No load
Time-50ms/div
Shutdown Through VIN 5A Load
Time-200µs/div
Startup Through VEN No Load
Time-500µs/div
Startup Through VEN 5A Load
Time-500µs/div
Short Circuit Test
Time-100µs/div
Shutdown Through VEN No load
Time-20ms/div
Shutdown Through VEN 5A Load
Time-20ms/div
Short Circuit Recovery
Time-500µs/div
1.05V Load Transient Response
Time-100µs/div
Voltage Ripple at Output (IO=2A)
Time-400ns/div
Voltage Ripple at Input (IO=2A)
Time-400ns/div
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (500mA/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (5A/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (5A/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (500mA/DIV)
SW (10V/DIV)
VEN (3V/DIV)
VOUT (1V/DIV)
IOUT (500mA/DIV)
SW (10V/DIV)
VEN (3V/DIV)
VOUT (1V/DIV)
IOUT (5A/DIV)
SW (10V/DIV)
VEN (3V/DIV)
VOUT (1V/DIV)
IOUT (5A/DIV)
SW (10V/DIV)
VEN (3V/DIV)
VOUT (1V/DIV)
IOUT (500mA/DIV)
SW (10V/DIV)
VOUT (500mV/DIV)
IOUT (2A/DIV)
VOUT (500mV/DIV)
IOUT (2A/DIV)
VIN_AC (500mV/DIV)
VOUT_AC (50mV/DIV)
IOUT (5A/DIV)
SW (5V/DIV)
EN (3V/DIV)
VREG5 (5V/DIV)
VOUT (500mV/DIV)
VOUT_AC (50mV/DIV)
IOUT (2.5A/DIV)
VOUT_AC (20mV/DIV)
SW (5V/DIV)
SW (5V/DIV)
VIN_AC (100mV/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com