Electronic Components Datasheet Search
  English  ▼

X  

AP65552 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP65552
Description  5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65552 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP65552 Datasheet HTML 5Page - Diodes Incorporated AP65552 Datasheet HTML 6Page - Diodes Incorporated AP65552 Datasheet HTML 7Page - Diodes Incorporated AP65552 Datasheet HTML 8Page - Diodes Incorporated AP65552 Datasheet HTML 9Page - Diodes Incorporated AP65552 Datasheet HTML 10Page - Diodes Incorporated AP65552 Datasheet HTML 11Page - Diodes Incorporated AP65552 Datasheet HTML 12Page - Diodes Incorporated AP65552 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP65552
Document number: DS37306 Rev. 4 - 4
10 of 13
www.diodes.com
October 2018
© Diodes Incorporated
AP65552
PART OBSOLETE
– NO ALTERNATE PART
Application Information (Cont.)
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value;
SW
L
IN
OUT
IN
OUT
f
ΔI
V
)
V
(V
V
L
Where
L
ΔI is the inductor ripple current.
And SW
f
is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the maximum load current. The maximum inductor peak current is calculated from:
2
ΔI
I
I
L
LOAD
L(MAX)
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal MOSFETs. Hence, choosing an inductor with appropriate
saturation current rating is important.
A 1µH to 3.3µH inductor with a DC current rating of at least 25% higher than the maximum load current is recommended for most applications. For
highest efficiency, the inductor’s DC resistance should be less than 100mΩ. Use a larger inductance for improved efficiency under light load
conditions.
The phase boost can be achieved by adding an additional feed forward capacitor (C7) in parallel with R1.
Output Voltage (V)
C7(pF)
L1(µH)
C8+C9(µF)
1
—
1.0 - 1.5
22-68
1.05
—
1.0 - 1.5
22-68
1.2
—
1.0 - 1.5
22-68
1.5
—
1.5
22-68
1.8
5 - 22
1.5
22-68
2.5
5 - 22
2.2
22-68
3.3
5 - 22
2.2
22-68
5
5 - 22
3.3
22-68
Table 2 Recommended Component Selection
Input Capacitor
The input capacitor reduces the surge current drawn from the input supply and the switching noise from the device. The input capacitor has to
sustain the ripple current produced during the on time on the upper MOSFET. It must hence have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical parameter that must be higher than the RMS input current. As a rule of thumb, select an
input capacitor which has an RMS rating that is greater than half of the maximum load current.
Due to large dI/dt through the input capacitors, electrolytic or ceramics should be used. If a tantalum must be used, it must be surge protected,
otherwise, capacitor failure could occur. For most applications, a ceramic capacitor greater than 10µF is sufficient.
Output Capacitor
The Output Capacitor keeps the output voltage ripple small, ensures feedback loop stability and reduces the overshoot of the output voltage. The
Output Capacitor is a basic component for the fast response of the power supply. In fact, during load transient, for the first few microseconds it
supplies the current to the load. The converter recognizes the load transient and sets the duty cycle to maximum, but the current slope is limited
by the inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com