Electronic Components Datasheet Search
  English  ▼

X  

AP65552 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP65552
Description  5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65552 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP65552 Datasheet HTML 1Page - Diodes Incorporated AP65552 Datasheet HTML 2Page - Diodes Incorporated AP65552 Datasheet HTML 3Page - Diodes Incorporated AP65552 Datasheet HTML 4Page - Diodes Incorporated AP65552 Datasheet HTML 5Page - Diodes Incorporated AP65552 Datasheet HTML 6Page - Diodes Incorporated AP65552 Datasheet HTML 7Page - Diodes Incorporated AP65552 Datasheet HTML 8Page - Diodes Incorporated AP65552 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP65552
Document number: DS37306 Rev. 4 - 4
2 of 13
www.diodes.com
October 2018
© Diodes Incorporated
AP65552
PART OBSOLETE
– NO ALTERNATE PART
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8EP
EN
1
Enable input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator, drive it
low to turn off. Pull
up with 100kΩ resistor for automatic startup.
FB
2
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage divider connected
to it from the output voltage.
VREG5
3
Internal power supply output pin to connect an additional capacitor. Connect a
1μF (typical) capacitor as close as
possible to the VREG5 and GND. This pin is not active when EN is low.
SS
4
Soft-start control input pin. SS controls the soft start period. Connect a capacitor from SS to GND to set the soft-
start period.
GND
5
Ground pin is the main power ground for the switching circuit.
SW
6
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load. Note that a capacitor is required from SW to BS to power the high-side switch.
BS
7
Bootstrap pin. A bootstrap capacitor is connected between the BS pin and SW pin. The voltage across the
bootstrap capacitor drives the internal high-
side NMOS switch. A 0.1μF (typical) capacitor is required for proper
operation.
VIN
8
Supply input pin. A capacitor should be connected between the VIN pin and GND pin to keep the DC input voltage
constant.
EP
—
Connect the exposed thermal pad to GND on the PCB
Functional Block Diagram
Figure 2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com