Electronic Components Datasheet Search
  English  ▼

X  

AP65552 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP65552
Description  5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65552 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP65552 Datasheet HTML 4Page - Diodes Incorporated AP65552 Datasheet HTML 5Page - Diodes Incorporated AP65552 Datasheet HTML 6Page - Diodes Incorporated AP65552 Datasheet HTML 7Page - Diodes Incorporated AP65552 Datasheet HTML 8Page - Diodes Incorporated AP65552 Datasheet HTML 9Page - Diodes Incorporated AP65552 Datasheet HTML 10Page - Diodes Incorporated AP65552 Datasheet HTML 11Page - Diodes Incorporated AP65552 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP65552
Document number: DS37306 Rev. 4 - 4
8 of 13
www.diodes.com
October 2018
© Diodes Incorporated
AP65552
PART OBSOLETE
– NO ALTERNATE PART
Application Information
EN
FB
VREG5
SS
EP
GND
SW
VIN
BS
8.25K
Ω
22.1K
Ω
1.5µH
EN
VOUT
VIN
VOUT
AP65552
1
2
3
4
5
6
7
8
8.2nF
1µF
10µF
22µF
0.1µF
R2
R1
C5
C4
L1
C6
10µF
C1
C2
22µF
C8
C9
C7
100K
Ω
R3
Figure 3. Typical Application of AP65552
PWM Operation and Adaptive On-time Control
The AP65552 is synchronous step-down converters with internal power MOSFETs. Adaptive, constant on-time (COT) control is employed to
provide fast transient response and easy loop stabilization. At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is
turned off after an internal one shot timer expires. This one shot is set by the converter input voltage (VIN), and the output voltage (VOUT) to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The output voltage variation is sensed
by FB voltage. The one-shot timer is reset and the high-side MOSFET is turned on again when FB voltage falls below the 0.76V.
AP65552 uses an adaptive on-time control scheme and does not have a dedicated in board oscillator. It runs with a pseudo-constant frequency of
650kHz by using the input voltage and output voltage to set the on-time one-shot timer. The on-time is inversely proportional to the input voltage
and proportional to the output voltage. It can be calculated using the following equation:
f
V
IN
V
OUT
ON
T
VOUT is the output voltage
VIN is the input voltage
f is the switching frequency
After an ON-time period, the AP65552 goes into the OFF-time period. The OFF-time period length depends on VFB in most cases. It will end
when the FB voltage decreases below 0.76V then the ON-time period is triggered. If the OFF-time period is less than the minimum OFF time, the
minimum OFF time will be applied, which is about 260ns typical.
Enable
Above the ‘EN high-level input voltage’, the internal regulator is turned on and the quiescent current can be measured above this threshold. The
enable (EN) input allows the user to control turning on or off the regulator. To enable the AP65552
, EN must be pulled above the ‘EN high-level
input voltage’ and to disable the AP65552, EN must be pulled below ‘EN low-level input voltage’.
In Figure 3, EN has a positive voltage through a 100K
Ω pull-up to VIN. No supply input is required for EN.
Soft-Start
The soft-start time of the AP65552 is programmable by selecting a different CSS value. When the EN pin becomes high, the CSS is charged by a
6μA current source, generating a ramp signal fed into non-inverting input of the error comparator. Reference voltage VREF or the internal soft-start
voltage SS, (whichever is smaller), dominates the behavior of the non-inverting inputs of the error amplifier. Accordingly, the output voltage will
follow the SS signal and ramp up smoothly to its target level. The capacitor value required for a given soft-start ramp time can be expressed as:
SS
FB
SS
C
SS
t
I
V
Where CSS is the required capacitor between SS pin and GND, tSS is the desired soft-start time and VFB is the feedback voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com