Electronic Components Datasheet Search
  English  ▼

X  

CL-GD6420 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CL-GD6420
Description  High-Resolution LCD VGA Controller for Notebook Computers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD6420 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CL-GD6420 Datasheet HTML 62Page - Cirrus Logic CL-GD6420 Datasheet HTML 63Page - Cirrus Logic CL-GD6420 Datasheet HTML 64Page - Cirrus Logic CL-GD6420 Datasheet HTML 65Page - Cirrus Logic CL-GD6420 Datasheet HTML 66Page - Cirrus Logic CL-GD6420 Datasheet HTML 67Page - Cirrus Logic CL-GD6420 Datasheet HTML 68Page - Cirrus Logic CL-GD6420 Datasheet HTML 69Page - Cirrus Logic CL-GD6420 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 146 page
background image
CL-GD6420
Notebook VGA Controller
66
July 1993
DATA BOOK
7.3.4
CPU Base Address Control Register: ER0D
(cont.)
Bit
Description
Bits 7:4
Reserved
Bit 2
2/1 Page Selection: If Bit 2 is reset to a ‘0’, remapping is possible only through
ER0E. If Bit 2 is set to a ‘1’, remapping is possible through both ER0E and ER0F.
Bit 1
64K/32K Page Size: If Bit 1 is reset to a ‘0’, remapping is done for 32K pages. If
Bit 1 is set to a ‘1’, remapping is done for 64K pages. The following table summa-
rizes the remapping according to the CPU address.
a. (*) indicates the address is not modified in the Remapping Logic.
b. To use two pages of 64K each, program GR6[3:2] to 0:0; 128K of Display Memory is selected.
Bit 0
Enable Page Remapping: If this bit is reset to a ‘0’, the address is passed through
the Remapping Logic with no modification.
Table 7–3. Remapping Register Selection
Bit 2
Bit 1
A000-
A7FFF
A8000-
AFFFF
B0000-
B7FFF
B8000-
BFFFF
0
0
ER0E
*
a
**
0
1
ER0E
ER0E
*
*
1
0
ER0E
ER0F
*
*
1
1
ER0E
ER0E
ER0F
ER0Fb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com