Electronic Components Datasheet Search
  English  ▼

X  

CL-GD6420 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CL-GD6420
Description  High-Resolution LCD VGA Controller for Notebook Computers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD6420 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CL-GD6420 Datasheet HTML 17Page - Cirrus Logic CL-GD6420 Datasheet HTML 18Page - Cirrus Logic CL-GD6420 Datasheet HTML 19Page - Cirrus Logic CL-GD6420 Datasheet HTML 20Page - Cirrus Logic CL-GD6420 Datasheet HTML 21Page - Cirrus Logic CL-GD6420 Datasheet HTML 22Page - Cirrus Logic CL-GD6420 Datasheet HTML 23Page - Cirrus Logic CL-GD6420 Datasheet HTML 24Page - Cirrus Logic CL-GD6420 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
CL-GD6420
Notebook VGA Controller
July 1993
21
DATA BOOK
4.2
CL-GD6420 Extension Register Table (cont.)
Abbr.
Extension Register
Bits
Read/
Reg/
Port
Write
Index
Addr.
HTX
Horizontal Total Extension
[7:0]
R/W
60
3CF
HBSX
Horizontal Blank Start Extension
[7:0]
R/W
61
3CF
HBEX
Horizontal Blank End Extension
[7, 4:0]
R/W
62
3CF
HRSX
Horizontal Retrace Start Extension
[7:0]
R/W
63
3CF
HREX
Horizontal Retrace End Extension
[7:0]
R/W
64
3CF
–
Reserved
–
–
65-69
3CF
VOVF48
Vertical Overflow Register for 480-Line Modes
[7:0]
R/W
6A
3CF
VTOT48
Vertical Total for 480-Line Modes
[7:0]
R/W
6B
3CF
VRTCS48
Vertical Retrace Start for 480-Line Modes
[7:0]
R/W
6C
3CF
VRTCE48
Vertical Retrace End for 480-Line Modes
[3:0]
R/W
6D
3CF
VBLKS48
Vertical Blank Start for 480-Line Modes
[7:0]
R/W
6E
3CF
VBLKE48
Vertical Blank End for 480-Line Modes
[3:0]
R/W
6F
3CF
VTX
Vertical Total Extension
[7:0]
R/W
70
3CF
VDEX
Vertical Display Enable Extension
[7:0]
R/W
71
3CF
VBSX
Vertical Blank Start Extension
[7:0]
R/W
72
3CF
VBEX
Vertical Blank End Extension
[7:0]
R/W
73
3CF
VRSX
Vertical Retrace Start Extension
[7:0]
R/W
74
3CF
VREX
Vertical Retrace End Extension
[3:0]
R/W
75
3CF
–
Reserved
–
–
76-77
3CF
CR07X
CR07 Extension Register
[7:0]
R/W
78
3CF
VOVFL
Vertical Overflow Beyond CR07
[4:0]
R/W
79
3CF
–
Reserved
–
–
7A-7F
3CF
HVPOL
CRTC Control
[7:0]
R/W
80
3CF
DM
Display Mode Register
[7:2, 0]
R/W
81
3CF
CCLK
Character Clock Register
[7:0]
R/W
82
3CF
WRC
Write Control Register
[6:0]
R/W
83
3CF
CLK
Clock Select
[7, 5:2]
R/W
84
3CF
VSW
Virtual Switch Source
[4:0]
R/W
85
3CF
CRTCTST
CRTC Test Register
[6:1]
R/W
86
3CF
–
Reserved
–
–
87-8E
3CF
CRTCBC
CRTC BIOS Configuration Register
[1:0]
R/W
8F
3CF
VMCC
VMC Control
[7:5, 3:0]
R/W
90
3CF
CBC
CRT Circular Buffer Policy Selection
[7:5, 3:0]
R/W
91
3CF
FONTC
Font Control
[7:5, 3]
R/W
92
3CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com